Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25FF081A Datasheet(PDF) 76 Page - Dialog Semiconductor

Part # AT25FF081A
Description  8 Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25FF081A Datasheet(HTML) 76 Page - Dialog Semiconductor

Back Button AT25FF081A Datasheet HTML 72Page - Dialog Semiconductor AT25FF081A Datasheet HTML 73Page - Dialog Semiconductor AT25FF081A Datasheet HTML 74Page - Dialog Semiconductor AT25FF081A Datasheet HTML 75Page - Dialog Semiconductor AT25FF081A Datasheet HTML 76Page - Dialog Semiconductor AT25FF081A Datasheet HTML 77Page - Dialog Semiconductor AT25FF081A Datasheet HTML 78Page - Dialog Semiconductor AT25FF081A Datasheet HTML 79Page - Dialog Semiconductor AT25FF081A Datasheet HTML 80Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 122 page
background image
Datasheet
5-Aug-2021
DS-AT25FF081A-183
Revision G
76
© 2021 Dialog Semiconductor
AT25FF081A
Datasheet
8 Mbit, 1.65 V - 3.6 V Range
SPI Serial Flash Memory with Multi-I/O Support
7.11.4 Device Status
When the CS pin is deasserted, the program or erase operation currently in progress suspends within a time of tSUSE. Hardware
sets the Suspend (SUSP) bit in Status Register 2 and the ES or PS bits in Status Register 5 to indicate that the program or erase
operation has been suspended. Also, hardware clears the RDY/BSY bit in Status Register 1 to indicate that the device is ready
for another operation.
7.11.5 Programming Restrictions
The Erase/Program Suspend command adheres to the following programming restrictions.
The following commands cannot be suspended:
Write Status Register 1 (01h)
Write Status Register 2 (31h)
Write Status Register 3 (11h)
Write Status Registers (71h)
Status Register Lock (6Fh)
Program OTP Security Registers (9Bh)
Chip Erase (60h/C7h)
Sequential Programming (AFh/ADh)
Hardware ignores the Program/Suspend command if it is issued while these commands are in progress.
Erase Suspend and Program Suspend Ordering
A program operation can be performed while an erase operation is suspended. However, that operation must be completed before
the erase operation can be resumed. Also, an erase operation cannot be performed while a program operation is suspended.
Other device operations, such as a Read Status Register, can also be performed while a program or erase operation is suspended.
Write Enable Latch Ignored
Since the need to suspend a program or erase operation is immediate, the Write Enable command does not need to be issued
prior to the Program/Erase Suspend command being issued. Therefore, the Program/Erase Suspend command operates inde-
pendently of the state of the WEL bit in the Status Register.
Deasserting the CS Pin
The complete command must be clocked into the device before the CS pin is deasserted. Also, the CS pin must be deasserted
on a byte boundary (multiples of eight bits). Otherwise, no suspend operation is performed.
Accessing a Suspended Area
If a read operation is attempted to a suspended area (page for programming or block for erasing), then the device outputs
undefined data. Therefore, when performing a Read Array operation to an unsuspended area and the device's internal address
counter increments and crosses into the suspended area, the device starts outputting undefined data until the internal address
counter crosses to an unsuspended area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com