Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25FF081A Datasheet(PDF) 97 Page - Dialog Semiconductor

Part # AT25FF081A
Description  8 Mbit, 1.65 V - 3.6 V Range SPI Serial Flash Memory with Multi-I/O Support
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25FF081A Datasheet(HTML) 97 Page - Dialog Semiconductor

Back Button AT25FF081A Datasheet HTML 93Page - Dialog Semiconductor AT25FF081A Datasheet HTML 94Page - Dialog Semiconductor AT25FF081A Datasheet HTML 95Page - Dialog Semiconductor AT25FF081A Datasheet HTML 96Page - Dialog Semiconductor AT25FF081A Datasheet HTML 97Page - Dialog Semiconductor AT25FF081A Datasheet HTML 98Page - Dialog Semiconductor AT25FF081A Datasheet HTML 99Page - Dialog Semiconductor AT25FF081A Datasheet HTML 100Page - Dialog Semiconductor AT25FF081A Datasheet HTML 101Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 122 page
background image
Datasheet
5-Aug-2021
DS-AT25FF081A-183
Revision G
97
© 2021 Dialog Semiconductor
AT25FF081A
Datasheet
8 Mbit, 1.65 V - 3.6 V Range
SPI Serial Flash Memory with Multi-I/O Support
7.29 DEEP POWER DOWN (B9H)
The Deep Power-Down command is used in conjunction with bit 7 (PDM) in Status register 4 to place the device into Deep Power-
Down mode. When the PDM bit is set and the B9h command is executed, the device enters Deep Power Down mode.
When the device is in Deep Power-Down mode, most commands, including the Read Status Register command, are ignored.
The only commands that are accepted while in this mode are the Resume from Deep Power-Down command (ABh), the Enable
Reset command (66h), and the Reset Device (99h) commands. Since all other commands are ignored, the mode can be used
as an extra protection mechanism against program and erase operations. When the CS pin is deasserted, the device enters the
Deep Power-Down mode within the maximum time of tEDPD.
7.29.1 Transfer Format
The B9h command follows the 1-0-0 transfer format described in Section 5.2, where the command is transferred on the SI pin.
No address or data are transferred for this command. See Figure 3 for a timing diagram of this operation.
7.29.2 Transfer Sequence
To perform the Deep Power Down operation, the CS pin is asserted and the information transferred as follows:
The B9h command is clocked into the device. Eight clocks are required to transfer the command. The most significant bit of
the command is transferred first.
When the CS pin is deasserted, the device begins the power down operation.
See Table 20 for more information on the transfer sequence for this command.
7.29.3 Programming Restrictions
The Deep Power Down command adheres to the following programming restrictions.
The CS pin must be deasserted on a byte boundary (multiple of eight bits). Otherwise, the device aborts the operation.
The B9h command is ignored if an internally self-timed operation such as a program or erase cycle is in progress. In this
case, the B9h command must be reissued after the internally self-timed operation has been completed. Software can mon-
itor the RDY/BSY bit in Status Register 1 to determine when the program or erase operation has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com