Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25SL641 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 7Page - Dialog Semiconductor AT25SL641 Datasheet HTML 8Page - Dialog Semiconductor AT25SL641 Datasheet HTML 9Page - Dialog Semiconductor AT25SL641 Datasheet HTML 10Page - Dialog Semiconductor AT25SL641 Datasheet HTML 11Page - Dialog Semiconductor AT25SL641 Datasheet HTML 12Page - Dialog Semiconductor AT25SL641 Datasheet HTML 13Page - Dialog Semiconductor AT25SL641 Datasheet HTML 14Page - Dialog Semiconductor AT25SL641 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
10
AT25SL641
DS-25SL641–113F–12/2018
6.
Status Register
The Read Status Register instruction can be used to provide status on the availability of the Flash memory array, if the device
is write enabled or disabled the state of write protection and the Quad SPI setting. The Write Status Register instruction can be
used to configure the devices writes protection features and Quad SPI setting. Write access to the Status Register is controlled
by in some cases of the WP pin.
6.1
Busy
BUSY is a read only bit in the status register (S0) that is set to a 1 state when the device is executing a Page Program, Erase,
Write Status Register or Write Security Register instruction. During this time the device will ignore further instruction except for
the Read Status Register and Erase / Program Suspend instruction (see t
W, tPP, tSE, tBE1, tBE2 and tCE in AC Characteristics).
When the Program, Erase, Write Status Register or Write Security Register instruction has completed, the BUSY bit is cleared
to a 0 state indicating the device is ready for further instructions.
6.2
Write Enable Latch (WEL)
Write Enable Latch (WEL) is a read only bit in the status register (S1) that is set to a 1 after executing a Write Enable instruction.
The WEL status bit is cleared to a 0 when device is write disabled. A write disable state occurs upon power-up or after any of
the following instructions: Write Disable, Page Program, Erase and Write Status Register.
6.3
Block Protect Bits (BP2, BP1, BP0)
The Block Protect Bits (BP2, BP1, BP0) are non-volatile read/write bits in the status register (S4, S3, and S2) that provide write
protection control and status. Block protect bits can be set using the Write Status Register Instruction (see t
W in AC
characteristics). All, none or a portion of the memory array can be protected from Program and Erase instructions (see Status
Register Memory Protection table). The factory default setting for the Block Protection Bits is 0, none of the array protected.
6.4
Top/Bottom Block protect (TB)
The Top/Bottom bit (TB) is non-volatile bits in the status register (S5) that controls if the Block Protect Bits (BP2, BP1, BP0)
protect from the Top (TB = 0) or the Bottom (TB = 1) of the array as shown in the Status Register Memory Protection table. The
factory default setting is TB = 0. The TB bit can be set with the Write Status Register Instruction depending on the state of the
SRP0, SRP1 and WEL bits.
Table 6-1.
Status Register-1
S7
S6
S5
S4
S3
S2
S1
S0
SRP0
SEC
TB
BP2
BP1
BP0
WEL
BUSY
Status
Register
Protect 0
(Non- Volatile)
Sector Protect
(Non- Volatile)
Top/Bottom
Write Protect
(Non- Volatile)
Block Protect
(Non- Volatile)
Block Protect
(Non- Volatile)
Block Protect
(Non- Volatile)
Write Enable
Latch
Erase or Write
in Progress
Table 6-2.
Status Register-2
S15
S14
S13
S12
S11
S10
S9
S8
SUS
CMP
(R)
(R)
(R)
(R)
QE
SRP1
Suspend
Status
Complement
Protect (Non-
Volatile)
Reserved
Reserved
Reserved
Reserved
Quad Enable
(Non- Volatile)
Register
Protect 1
(Non-Volatile)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com