Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25SL641 Datasheet(PDF) 25 Page - Dialog Semiconductor

Part # AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 21Page - Dialog Semiconductor AT25SL641 Datasheet HTML 22Page - Dialog Semiconductor AT25SL641 Datasheet HTML 23Page - Dialog Semiconductor AT25SL641 Datasheet HTML 24Page - Dialog Semiconductor AT25SL641 Datasheet HTML 25Page - Dialog Semiconductor AT25SL641 Datasheet HTML 26Page - Dialog Semiconductor AT25SL641 Datasheet HTML 27Page - Dialog Semiconductor AT25SL641 Datasheet HTML 28Page - Dialog Semiconductor AT25SL641 Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
24
AT25SL641
DS-25SL641–113F–12/2018
and does not effect the current cycle. The Read Data instruction allows clock rates from D.C to a maximum of fR (see AC
Electrical Characteristics).
Figure 7-11. Read Data Instruction
7.10
Fast Read (0Bh)
The Fast Read instruction is a high speed reading mode that can operate at the highest possible frequency of FR. The address
is latched on the rising edge of the SCK. After the 24-bit address, eight dummy clocks are shifted in as shown in Figure 7-12.
The dummy clocks allow the internal circuits the time required to set up the initial address. During the dummy clocks, the data
value on the SO pin is a “don’t care”. Data of each bit shifts out on the falling edge of SCK.
Figure 7-12. Fast Read Instruction (SPI Mode)
Fast Read in QPI Mode
When QPI mode is enabled, the number of dummy clock is configured by the Set Read Parameters (C0h) instruction to
accommodate a wide range applications with different needs for either maximum Fast Read frequency or minimum data
access latency. The number of dummy clock cycles can be configured as either 4, 6 or 8 by setting bits P[5:4] in the 8-
bit parameter of the Set Read Parameters (C0h) command as shown in Table 7-6, Encoding of the P[5:4] Bits. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com