Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25SL641-DWF Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # AT25SL641-DWF
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641-DWF Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button AT25SL641-DWF Datasheet HTML 35Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 36Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 37Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 38Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 39Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 40Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 41Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 42Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
38
AT25SL641
DS-25SL641–113F–12/2018
The Resume instruction cannot be accepted if the previous Erase/Program Suspend operation was interrupted by
unexpected power-off. It is also required that a subsequent Erase/Program Suspend instruction not to be issued within a
minimum of time of t
SUS following a previous Resume instruction. (Please refer to Figure 7-34 and Figure 7-35).
Figure 7-34. Erase / Program Resume Instruction (SPI Mode)
Figure 7-35. Erase / Program Resume Instruction (QPI Mode)
7.23
Deep Power Down (B9h)
Executing the Deep Power Down instruction is the best way to put the device in the lowest power consumption. The
Deep Power Down instruction reduces the standby current (from I
CC1 to ICC2 as specified in AC characteristics). The
instruction is entered by driving the CS pin low following execution of the B9h instruction. (Please refer to Figure 7-36
and Figure 7-37).
The CS pin must go high exactly at the byte boundary (the latest eighth bit of instruction code been latched-in);
otherwise, the Deep Power Down instruction is not executed. After CS goes high, it requires a delay of tDP and the Deep
Power Down mode is entered. While in the Deep Power Down mode, the Release Deep Power Down / Device ID
instruction is used to restore the device to normal operation. All other instructions are ignored, including the Read Status
Register instruction, which is always available during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com