Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25SL641-DWF Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # AT25SL641-DWF
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641-DWF Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button AT25SL641-DWF Datasheet HTML 9Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 10Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 11Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 12Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 13Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 14Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 15Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 16Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
12
AT25SL641
DS-25SL641–113F–12/2018
Note:
1.
X = Don’t care
2.
L = Lower; U = Upper
3.
If any Erase or Program instruction specifies a memory region that contains protected data portion, this instruction will
be ignored.
4.
Note 3 does not apply to this Status Register Bit setting. See Errata 1 in Appendix A for details.
Table 6-4.
Status Register Memory Protection (CMP = 0)
Status Register Bits
Memory Protection
SEC
TB
BP2
BP1
BP0
Sector(s)
Addresses
Density
Portion
X
X
0
0
0
NONE
NONE
NONE
NONE
0
0
0
0
1
126 and 127
7E0000h - 7FFFFFh
128KB
Upper 1/64
0
0
0
1
0
124 - 127
7C0000h - 7FFFFFh
256KB
Upper 1/32
0
0
0
1
1
120 - 127
780000h - 7FFFFFh
512KB
Upper 1/16
0
0
1
0
0
112 - 127
700000h - 7FFFFFh
1MB
Upper 1/8
0
0
1
0
1
96 - 127
600000h - 7FFFFFh
2MB
Upper 1/4
0
0
1
1
0
64 - 127
400000h - 7FFFFFh
4MB
Upper 1/2
0
1
0
0
1
0 and1
000000h - 01FFFFh
128KB
Lower 1/64
0
1
0
1
0
0 - 3
000000h - 03FFFFh
256KB
Lower 1/32
0
1
0
1
1
0 - 7
000000h - 07FFFFh
512KB
Lower 1/16
0
1
1
0
0
0 - 15
000000h - 0FFFFFh
1MB
Lower 1/8
0
1
1
0
1
0 - 31
000000h - 1FFFFFh
2MB
Lower 1/4
0
1
1
1
0
0 - 63
000000h - 3FFFFFh
4MB
Lower 1/2
X
X
1
1
1
0 - 127
000000h - 7FFFFFh
8MB
ALL
1
0
0
0
1
127
7FF000h - 7FFFFFh
4KB
U – 1/2048
1
0
0
1
0
127
7FE000h - 7FFFFFh
8KB
U – 1/1024
1
0
0
1
1
127
7FC000h - 7FFFFFh
16KB
U – 1/512
1
0
1
0
X
127
7F8000h - 7FFFFFh
32KB
U – 1/256
1
1
0
0
1
0
000000h - 000FFFh
4KB
L – 1/2048
1
1
0
1
0
0
000000h - 001FFFh
8KB
L – 1/1024
1
1
0
1
1
0
000000h - 003FFFh
16KB
L – 1/512
1
1
1
0
X
0
000000h - 007FFFh
32KB
L – 1/256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com