Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8551ATT/A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8551ATT/A
Description  Universal 36 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8551ATT/A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8551ATT/A Datasheet HTML 1Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 2Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 3Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 4Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 5Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 6Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 7Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 8Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
NXP Semiconductors
PCF8551
Universal 36 × 4 LCD segment driver
4 Ordering information
Package
Product type Number Topside mark
Name
Description
Version
PCF8551ATT/A
PCF8551A
TSSOP48
plastic thin shrink small outline
package; 48 leads; body width 6.1 mm
SOT362-1
PCF8551BTT/A
PCF8551B
TSSOP48
plastic thin shrink small outline
package; 48 leads; body width 6.1 mm
SOT362-1
Table 1. Ordering Information
4.1 Ordering options
Product type
Number
Orderable part
number
Package
Packing method
Minimum order
quantity
Temperature
PCF8551ATT/AJ [1]
TSSOP48
Reel 13” Q1 NDP
2000
Tamb = -40 °C to
+85 °C
PCF8551ATT/A
PCF8551ATT/AY [2]
TSSOP48
Reel 13” Q1 DP
2000
Tamb = -40 °C to
+85 °C
PCF8551BTT/AJ [1]
TSSOP48
Reel 13” Q1 NDP
2000
Tamb = -40 °C to
+85 °C
PCF8551BTT/A
PCF8551BTT/AY [2]
TSSOP48
Reel 13” Q1 DP
2000
Tamb = -40 °C to
+85 °C
Table 2. Ordering options
[1]
Not recommend for new design - will be discontinued in mid 2021 - use new version with improved package.
[2]
Improved package - refer to PCN 202005038F01
PCF8551
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 3 May 2021
2 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com