Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8551ATT/A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF8551ATT/A
Description  Universal 36 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8551ATT/A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF8551ATT/A Datasheet HTML 35Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 36Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 37Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 38Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 39Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 40Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 41Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 42Page - NXP Semiconductors PCF8551ATT/A Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
NXP Semiconductors
PCF8551
Universal 36 × 4 LCD segment driver
16 Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT362-1
MO-153
sot362-1_po
03-02-19
13-08-05
Unit
mm
max
nom
min
0.15
0.28 0.2 12.6
0.5
0.8
A
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 6.1 mm
SOT362-1
A1
A2
1.05
A3
bp
c
D(1)
8°
θ
E(2)
e
HE
L
1
Lp
Q
v
w
1.2
0.25
0.1
0.25 0.08
y
Z
7.9
0.4
6.0
0.35
0.05
0.17 0.1 12.4
0.4
0°
0.85
8.3
0.8
6.2
0.50
pin 1 index
v
A
θ
A
D
Lp
Q
E
Z
c
L
1
24
48
25
e
w
y
X
A
HE
bp
A1
A2
detail X
(A3)
0
5 mm
scale
2.5
Figure 29. Package outline SOT362-1 (TSSOP48) of PCF8551
PCF8551
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 3 May 2021
39 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com