Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG46855-AP Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46855-AP
Description  Auto Grade GreenPAK Programmable Mixed-Signal Matrix
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46855-AP Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46855-AP Datasheet HTML 17Page - Dialog Semiconductor SLG46855-AP Datasheet HTML 18Page - Dialog Semiconductor SLG46855-AP Datasheet HTML 19Page - Dialog Semiconductor SLG46855-AP Datasheet HTML 20Page - Dialog Semiconductor SLG46855-AP Datasheet HTML 21Page - Dialog Semiconductor SLG46855-AP Datasheet HTML 22Page - Dialog Semiconductor SLG46855-AP Datasheet HTML 23Page - Dialog Semiconductor SLG46855-AP Datasheet HTML 24Page - Dialog Semiconductor SLG46855-AP Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 199 page
background image
Datasheet
17-Jun-2021
CFR0011-120-00
Revision 3.0
21 of 199
© 2021 Dialog Semiconductor
SLG46855-A
Auto Grade GreenPAK Programmable Mixed-Signal Matrix
tpd
Delay
LATCH3, LATCH12 Second nRESET
Low Q
--
25
--
18
--
12
ns
tpd
Delay
LATCH3, LATCH12 Second nRESET
Low nQ
26
--
18
--
13
--
ns
tpd
Delay
LATCH3, LATCH12 Second nSET High
Q
20
--
14
--
10
--
ns
tpd
Delay
LATCH3, LATCH12 Second nSET High
nQ
--
20
--
14
--
10
ns
tpd
Delay
LATCH3, LATCH12 Second nSET Low Q
23
--
16
--
11
--
ns
tpd
Delay
LATCH3, LATCH12 Second nSET Low
nQ
--
22
--
16
--
11
ns
tpd
Delay
2-bit LUT
15
16
11
11
7
8
ns
tpd
Delay
3-bit LUT
16
17
11
12
8
8
ns
tpd
Delay
4-bit LUT
19
17
13
12
9
9
ns
tpd
Delay
Multi-Function 3-bit LUT
18
21
13
15
9
11
ns
tpd
Delay
Multi-Function 3-bit LUT, CNT Delay
46
47
33
34
23
24
ns
tpd
Delay
Multi-Function 4-bit LUT
21
23
15
17
10
12
ns
tpd
Delay
Multi-Function 4-bit LUT, CNT Delay
48
46
34
34
23
24
ns
tpd
Delay
Edge detect
19
20
13
14
9
9
ns
tw
Width
Edge detect
211
212
156
157
115
115
ns
tpd
Delay
Edge detect Delayed
231
235
170
173
124
126
ns
tpd
Delay
Ripple CNT CLK DOWN Q0
18
16
13
11
9
8
ns
tpd
Delay
Ripple CNT CLK DOWN Q1
29
22
20
16
14
11
ns
tpd
Delay
Ripple CNT CLK DOWN Q2
27
29
20
21
14
14
ns
tpd
Delay
Ripple CNT CLK UP Q0
18
16
13
11
9
8
ns
tpd
Delay
Ripple CNT CLK UP Q1
24
24
17
17
12
12
ns
tpd
Delay
Ripple CNT CLK UP Q2
29
23
21
17
15
12
ns
tpd
Delay
Ripple CNT nSET DOWN Q0
26
33
19
23
14
16
ns
tpd
Delay
Ripple CNT nSET DOWN Q1
26
41
19
29
13
21
ns
tpd
Delay
Ripple CNT nSET DOWN Q2
25
41
18
29
13
20
ns
tpd
Delay
Ripple CNT nSET UP Q0
26
33
19
23
14
16
ns
tpd
Delay
Ripple CNT nSET UP Q1
26
38
19
27
13
19
ns
tpd
Delay
Ripple CNT nSET UP Q2
25
44
18
32
13
22
ns
tpd
Delay
DFF Q
17
17
12
12
8
8
ns
tpd
Delay
DFF nQ
18
16
13
11
9
8
ns
tpd
Delay
DFF nRESET High Q
--
20
--
14
--
10
ns
tpd
Delay
DFF nRESET High nQ
21
--
15
--
10
--
ns
tpd
Delay
DFF nRESET Low Q
--
22
--
16
--
11
ns
tpd
Delay
DFF nRESET Low nQ
23
--
17
--
12
--
ns
tpd
Delay
DFF nSET High Q
21
--
15
--
10
--
ns
tpd
Delay
DFF nSET High nQ
--
20
--
14
--
10
ns
tpd
Delay
DFF nSET Low Q
23
--
16
--
12
--
ns
Table 12: Typical Delay Estimated for Each Macrocell at T = 25 °C(Continued)
Parameter Description Note
VDD = 2.5 V
VDD = 3.3 V
VDD = 5 V
Unit
Rising Falling Rising Falling Rising Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com