Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX11131 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11131
Description  Resistor Ladder for Quick Evaluation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11131 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11131 Datasheet HTML 9Page - Maxim Integrated Products MAX11131 Datasheet HTML 10Page - Maxim Integrated Products MAX11131 Datasheet HTML 11Page - Maxim Integrated Products MAX11131 Datasheet HTML 12Page - Maxim Integrated Products MAX11131 Datasheet HTML 13Page - Maxim Integrated Products MAX11131 Datasheet HTML 14Page - Maxim Integrated Products MAX11131 Datasheet HTML 15Page - Maxim Integrated Products MAX11131 Datasheet HTML 16Page - Maxim Integrated Products MAX11131 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
________________________________________________________________ Maxim Integrated Products 13
MAX11131 Evaluation Kit
Evaluates: MAX11131
Detailed Description of Hardware
The MAX11131 EV kit is a fully assembled and tested PCB
that evaluates the 16-channel, 12-bit, SPI-compatible,
3Msps ADC. All digital signals are generated using the
on-board FPGA (U2).
Power Supply
A +5V power supply is required to power up the EV kit.
Connect the positive terminal of the power supply to the
VIN test point and the negative terminal to the nearest
GND test point.
User-Supplied Digital Supply (OVDD)
The digital supply is configurable using jumper JU2.
When the shunt is in the 1-2 position on jumper JU2, the
on-board +3.3V is used. To use a user-supplied OVDD,
move the shunt to the 2-3 position on JU2 and apply
+1.5V to +3.6V at the EXT_OVDD test point.
On-Board Input Buffers
On-board input buffers (U8, U9, U16, and U17) are
provided on the EV kit. To power the on-board buffers,
connect the +5V, GND, and -5V terminals of the power
supply to the OP+, GND, and OP- test points, respectively.
Analog Input 0
To use the on-board input buffer, move the shunt on
jumper JU17 to the 1-4 position and remove the shunts on
jumpers JU25 and JU26.
The user can connect the input signal to the AIN0-_SMA
(or the AIN0- test point) and connect the DC offset to the
AIN0+ test point. If the input signal is AC-coupling, the
DC offset can be accomplished by simply connecting to
the 1-2 position on jumper JU21.
The input signal can connect to AIN0+_SMA if it has
V(REF+)/2 DC offset and is connecting to the 2-3 posi-
tion on JU21.
Jumper JU17 allows other options for the AIN0 input of
the ADC. When a shunt is placed in the 1-2 position on
JU17, the analog input can also be generated by the
resistor ladder. When a shunt is placed in the 1-3 position
on JU17, the analog input signal can be applied at the
header H1-2 pin.
Move the shunt on jumer JU17 to the 1-5 position and
connect the measuring signal directly to the AIN0 input
of the ADC. Then connect the measuring signal to the
AIN0+_SMA or AIN0+ test point. The buffer still needs
to be powered up to prevent loading on the input signal.
Analog Input 1
To use the on-board input buffer, move the shunt on
jumper JU18 to the 1-4 position and remove the shunts on
jumpers JU27 and JU28.
The user can connect the input signal to the AIN1-_SMA
(or the AIN1- test point) and connect the DC offset to the
AIN1+ test point. If the input signal is AC-coupling, the
DC offset can be accomplished by simply connecting to
the 1-2 position on jumper JU22.
The input signal can connect to AIN1+_SMA if it has
V(REF+)/2 DC offset and is connecting to the 2-3 posi-
tion on JU22.
Jumper JU18 allows other options for the AIN1 input of
the ADC. When a shunt is placed in the 1-2 position on
JU18, the analog input can also be generated by the
resistor ladder. When a shunt is placed in the 1-3 position
on JU18, the analog input signal can be applied at the
header H1-4 pin.
Move the shunt on JU18 to the 1-5 position and con-
nect the measuring signal directly to the AIN1 input
of the ADC. Then connect the measuring signal to the
AIN1+_SMA or AIN1+ test point. The buffer still needs
to be powered up to prevent loading on the input signal.
Analog Input 2
To use the on-board input buffer, move the shunt on
jumper JU19 to the 1-4 position and remove the shunts
on jumpers JU29 and JU30.
The user can connect the input signal to the AIN2-_SMA
(or the AIN2- test point) and connect the DC offset to the
AIN2+ test point. If the input signal is AC-coupling, the
DC offset can be accomplished by simply connecting to
the 1-2 position on JU23.
The input signal can connect to AIN2+_SMA if it has
V(REF+)/2 DC offset and is connecting to the 2-3 posi-
tion on JU23.
Jumper JU19 allows other options for the AIN2 input of
the ADC. When a shunt is placed in the 1-2 position on
JU19, the analog input can also be generated by the
resistor ladder. When a shunt is placed in the 1-3 position
on JU19, the analog input signal can be applied at the
header H1-6 pin.
Move the shunt on JU19 to the 1-5 position and
connect the measuring signal directly to the AIN2 input
of the ADC. Then connect the measuring signal to the
AIN2+_SMA or AIN2+ test point. The buffer still needs
to be powered up to prevent loading on the input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com