Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX11131 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11131
Description  Resistor Ladder for Quick Evaluation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11131 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11131 Datasheet HTML 1Page - Maxim Integrated Products MAX11131 Datasheet HTML 2Page - Maxim Integrated Products MAX11131 Datasheet HTML 3Page - Maxim Integrated Products MAX11131 Datasheet HTML 4Page - Maxim Integrated Products MAX11131 Datasheet HTML 5Page - Maxim Integrated Products MAX11131 Datasheet HTML 6Page - Maxim Integrated Products MAX11131 Datasheet HTML 7Page - Maxim Integrated Products MAX11131 Datasheet HTML 8Page - Maxim Integrated Products MAX11131 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
DESIGNATION
QTY
DESCRIPTION
U13
1
LDO (6 SOT23)
Maxim MAX1983EUT+
U14
1
SRAM (48 TSOP)
Cypress
CY62167DV30LL 55ZXI
U15
1
USB PHY (SOT617-1)
ST Ericsson ISP1504ABS
U18
1
2.048V voltage reference
(8 SO)
Maxim MAX6126AASA21+
DESIGNATION
QTY
DESCRIPTION
U19
1
2.5V voltage reference
(8 SO)
Maxim MAX6126AASA25+
Y1
1
50MHz oscillator
Y2
1
19.2MHz SMD XTAL (18pF)
—
1
USB high-speed A-to-B
cables, 5ft (1.5m)
—
42
Shunts
—
1
PCB: MAX11131
EVALUATION KIT
SUPPLIER
PHONE
WEBSITE
Altera Corp.
800-800-3753
www.altera.com
AVX Corporation
843-946-0238
www.avxcorp.com
KEMET Corp.
864-963-6300
www.kemet.com
Murata Electronics North America, Inc.
770-436-11131
www.murata-northamerica.com
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV system files
on your computer
MAX11131.EXE
Application program
SLSUSB.DLL
Software library file
SLSUSB.INF
USB device driver file
SLSUSB.SYS
USB device driver file
SLS_USB_Driver_Help_100.
PDF
USB device driver help file
_________________________________________________________________ Maxim Integrated Products 3
MAX11131 Evaluation Kit
Evaluates: MAX11131
Quick Start
Required Equipment
U
MAX11131 EV kit
U
+5V, 750mA DC power supply
U
Windows XP, Windows Vista, or Windows 7 PC with
a spare USB port
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
directly from the EV kit software. Text in bold and under-
line refers to items from the Windows operating system.
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation. Caution: Do not turn on
the power supply until all connections are completed.
1) Visit www.maxim-ic.com/evkitsoftware to download
the latest version of the EV kit software, 11131Rxx.Zip.
Save the EV kit software to a temporary folder and
uncompress the zip file.
2) Install the EV kit software on your computer by
running the INSTALL.EXE program inside the
temporary folder. The program files are copied
to your PC and icons are created in the Windows
Start | Programs menu. During software instal-
lation, some versions of Windows may show a
warning message indicating that this software is
from an unknown publisher. This is not an error
condition and it is safe to proceed with installation.
Administrator privileges are required to install the
USB device driver on Windows.
3) Verify that all jumpers are in their default positions, as
shown in Table 1.
4) Connect the +5V DC power supply to the VIN and
GND test points.
5) Turn on the power supply.
Component List (continued)
Component Suppliers
Note: Indicate that you are using the MAX11131 when contacting these component suppliers.
MAX11131 EV Kit Files
*EP = Exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com