Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLDN-40E1AX Datasheet(PDF) 21 Page - Bel Fuse Inc.

Part # SLDN-40E1AX
Description  Wide Input Voltage Range (4.5 - 14.4 VDC)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-40E1AX Datasheet(HTML) 21 Page - Bel Fuse Inc.

Back Button SLDN-40E1AX Datasheet HTML 17Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 18Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 19Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 20Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 21Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 22Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 23Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 24Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 25Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
SLDN-40E1A
21
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 49 8941
North America
+1 866 513 2839
© 2021 Bel Power Solutions & Protection
BCD.20114_AF
The SLDN-40E1Ax modules have a power management bus interface that supports both communication and control. The power
management bus Power Management Protocol Specification can be obtained from www.power management bus.org. The modules
support a subset of version 1.1 of the specification (see Table 6 for a list of the specific commands supported). Most module
parameters can be programmed using Power management bus and stored as defaults for later use.
All communication over the module power management bus interface must support the Packet Error Checking (PEC) scheme. The
Power management bus master must generate the correct PEC byte for all transactions and check the PEC byte returned by the
module.
The module also supports the SMBALERT# response protocol whereby the module can alert the bus master if it wants to talk. For
more information on the SMBus alert response protocol, see the System Management Bus (SMBus) specification.
The module has non-volatile memory that is used to store configuration settings. Not all settings programmed into the device are
automatically saved into this non-volatile memory, only those specifically identified as capable of being stored can be saved (see
Table 6 for which command parameters can be saved to non-volatile storage).
For commands that set thresholds, voltages or report such quantities, the module supports the “Linear” data format among the
three data formats supported by Power management bus. The Linear Data Format is a two byte value with an 11-bit, two’s
complement mantissa and a 5-bit, two’s complement exponent. The format of the two data bytes is shown below:
The value is of the number is then given by
Value = Mantissa x 2 Exponent
The SLDN-40E1Ax module can be addressed through the Power management bus using a device address. The module has 64
possible addresses (0 to 63 in decimal) which can be set using resistors connected from the ADDR0 and ADDR1 pins to SIG_GND.
Note that some of these addresses (0, 1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11 12, 40, 44, 45, 55 in decimal) are reserved according to the
SMBus specifications and may not be useable. The address is set in the form of two octal (0 to 7) digits, with each pin setting one
digit. The ADDR1 pin sets the high order digit and ADDR0 sets the low order digit. The resistor values suggested for each digit are
shown in Table 4 (1% tolerance resistors are recommended). Note that if either address resistor value is outside the range specified
in Table 4, the module will respond to address 127.
Data Byte High
7 6 5 4 3
2 1 0 7 6 5 4 3 2 1 0
Data Byte Low
Exponent
MSB
Mantissa
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com