Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLDN-40E1AX Datasheet(PDF) 40 Page - Bel Fuse Inc.

Part # SLDN-40E1AX
Description  Wide Input Voltage Range (4.5 - 14.4 VDC)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-40E1AX Datasheet(HTML) 40 Page - Bel Fuse Inc.

Back Button SLDN-40E1AX Datasheet HTML 36Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 37Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 38Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 39Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 40Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 41Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 42Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 43Page - Bel Fuse Inc. SLDN-40E1AX Datasheet HTML 44Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
40
SLDN-40E1A
tech.support@psbel.com
The SLDN-40E1Ax power modules operate in a variety of thermal environments; however, sufficient cooling should always be
provided to help ensure reliable operation.
Considerations include ambient temperature, airflow, module power dissipation, and the need for increased reliability. A reduction
in the operating temperature of the module will result in an increase in reliability. The thermal data presented here is based on
physical measurements taken in a wind tunnel. The test set-up is shown in Figure 30. The preferred airflow direction for the module
is in Figure 31.
Figure 30. Thermal Test Setup
The thermal reference points, Tref used in the specifications are also shown in Figure 30. For reliable operation the temperatures at
these points should not exceed 120°C. The output power of the module should not exceed the rated power of the module (Vo,set x
Io,max).
Please refer to the Application Note “Thermal Characterization Process for Open-Frame Board-Mounted Power Modules” for a detailed
discussion of thermal aspects including maximum device temperatures.
Figure 31. Preferred airflow direction and location of hot spot of the module (Tref)
Air
flow
x
Power Module
Wind Tunnel
PWBs
12.7_
(0.50)
76.2_
(3.0)
Probe Location
for measuring
airflow and
ambient
temperature
25.4_
(1.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com