Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30264 Datasheet(PDF) 4 Page - Microchip Technology

Part # ZL30264
Description  2-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30264 Datasheet(HTML) 4 Page - Microchip Technology

  ZL30264 Datasheet HTML 1Page - Microchip Technology ZL30264 Datasheet HTML 2Page - Microchip Technology ZL30264 Datasheet HTML 3Page - Microchip Technology ZL30264 Datasheet HTML 4Page - Microchip Technology ZL30264 Datasheet HTML 5Page - Microchip Technology ZL30264 Datasheet HTML 6Page - Microchip Technology ZL30264 Datasheet HTML 7Page - Microchip Technology ZL30264 Datasheet HTML 8Page - Microchip Technology ZL30264 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
ZL30264-ZL30267
Data Sheet
4
© 2021 Microchip Technology Inc.
DS20006555A
List of Figures
Figure 1 - Functional Block Diagram ........................................................................................................................... 1
Figure 2 - Application Example: ZL30267 Ethernet, PCIe, Wireless and USB Clocks Simultaneously...................... 5
Figure 3 - Pin Diagram................................................................................................................................................. 7
Figure 4 - Crystal Equivalent Circuit / Recommended Crystal Circuit ....................................................................... 12
Figure 5 - APLL Block Diagram ................................................................................................................................. 15
Figure 6 - SPI Read Transaction Functional Timing.................................................................................................. 24
Figure 7 - SPI Write Enable Transaction Functional Timing (ZL30265 and ZL30267 Only) ..................................... 25
Figure 8 - SPI Write Transaction Functional Timing.................................................................................................. 25
Figure 9 - I2C Read Transaction Functional Timing .................................................................................................. 27
Figure 10 - I2C Register Write Transaction Functional Timing .................................................................................. 27
Figure 11 - I2C EEPROM Write Transaction Functional Timing (ZL30265 and ZL30267 Only) ............................... 27
Figure 12 - I2C EEPROM Read Status Transaction Functional Timing (ZL30265 and ZL30267 Only) .................... 27
Figure 13 - Interrupt Structure ................................................................................................................................... 28
Figure 14 - Electrical Characteristics: Clock Inputs ................................................................................................... 78
Figure 15 - Example External Components for Differential Input Signals ................................................................. 79
Figure 16 - Electrical Characteristics: Differential Clock Outputs .............................................................................. 79
Figure 17 - Example External Components for Differential Output Signals .............................................................. 81
Figure 18 - SPI Slave Interface Timing...................................................................................................................... 84
Figure 19 - SPI Master Interface Timing.................................................................................................................... 86
Figure 20 - I
2C Slave Interface Timing....................................................................................................................... 87
List of Tables
Table 1 - Pin Descriptions............................................................................................................................................ 8
Table 2 - Crystal Selection Parameters ..................................................................................................................... 13
Table 3 - SPI Commands .......................................................................................................................................... 23
Table 4 - Register Map .............................................................................................................................................. 32
Table 5 - Recommended DC Operating Conditions .................................................................................................. 76
Table 6 - Electrical Characteristics: Supply Currents ................................................................................................ 76
Table 7 - Electrical Characteristics: Non-Clock CMOS Pins ..................................................................................... 77
Table 8 - Electrical Characteristics: XA Clock Input .................................................................................................. 78
Table 9 - Electrical Characteristics: Clock Inputs, ICxP/N......................................................................................... 78
Table 10 - Electrical Characteristics: LVDS Clock Outputs ....................................................................................... 79
Table 11 - Electrical Characteristics: LVPECL Clock Outputs .................................................................................. 80
Table 12 - Electrical Characteristics: HCSL Clock Outputs....................................................................................... 80
Table 13 - Electrical Characteristics: CMOS and HSTL (Class I) Clock Outputs...................................................... 80
Table 14 - Electrical Characteristics: APLL Frequencies .......................................................................................... 81
Table 15 - Electrical Characteristics: Jitter and Skew Specifications ........................................................................ 81
Table 16 - Electrical Characteristics: Typical Output Phase Jitter from the APLL Integer Divider ............................ 82
Table 17 - Electrical Characteristics: Clock Buffer (APLL Bypass Path)................................................................... 83
Table 18 - Electrical Characteristics: Typical Input-to-Output Clock Delay Through APLL....................................... 83
Table 19 - Electrical Characteristics: SPI Slave Interface Timing, Device Registers ................................................ 84
Table 20 - Electrical Characteristics: SPI Slave Interface Timing, Internal EEPROM .............................................. 85
Table 21 - Electrical Characteristics: SPI Master Interface Timing (ZL30264 and ZL30266 Only)........................... 86
Table 22 - Electrical Characteristics: I
2C Slave Interface Timing .............................................................................. 87
Table 23 - 8x8mm QFN Package Thermal Properties .............................................................................................. 88
Table 24 - Number of OCx Outputs Available, No Airflow, 3.3V-Only Operation...................................................... 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com