Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM6812WS11 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM6812WS11
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812WS11 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM6812WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
3.4
System registers
Functions
Register name
Basic function
SleepEn and Reset status
RegResStat
Reset Flags to identify reset source
Sleep mode external Resets
and RC selections
RegSys1
Sleep bit and main CPU oscillator settings, reset pad
configuration
Xtal and CPU clock selections
RegSys2
High and low frequency clock selections, Xtal enable
Table 3. System registers
RegResStat
0x12
Bit
Name
Res
Reset by
R/W
Description
7
ResetPadFlag
0
POR
RC
Flag for Reset terminal, clear by write’0’
6
ResetWDFlag
0
POR
RC
Flag for watchdog reset, clear by write’0’
5
ResInpPAFlag
0
POR
RC
Flag for PortA input reset ,clear by write’0’
Flag is also set by BrownOut in case of
DisResInp=’1’
4
ResBwnOutFlag
0
POR
RC
Flag for BrownOut reset, clear by write’0’
3
SleepEn
0
POR
R/W
Enables to write the Sleep bit
2
EnDebResPad
0
RegSysSlp
R/W
1: Debounced reset input
0: Direct reset input
1
CkDebResPad
0
ResSys
R/W
1: high speed clock (Pr1Ck[13], 8kHz)
0: low speed clock (Pr1Ck[8], 256Hz)
0
DatOscOut
-
-
R
Read data on Oscout terminal if XTAL off
RegSys1
0x10
Bit
Name
Res
Reset by
R/W
Description
7
Sleep
0
ResSys
R/W
Put the circuit in sleep mode if = ‘1’
6
DisResetPad
0
POR
R/W
Disable the input pad reset if = ‘1’
5
DisResInp
0
POR
R/W
Disable the port A reset input if = ‘1’
4
FlagXtal
0
ResMain
R
Xtal cold start flag, Xtal ready if = ‘1’
3
OPTCldStart[1]
0
POR
R/W
2
OPTCldStart[0]
0
POR
R/W
Xtal cold start duration: ‘00’ = 1s, ‘10’ = 3/4s,
‘01’=1/2s, and ‘11’=1/4s.
1
FreqRange
0
ResSys
R/W
RC osc. frequency range selection:
‘1’=10MHz ‘0’=1MHz
0
EnRC
1
ResSys
R/W
Enable RC oscillator if = ‘1’
RegSys2
0x11
Bit
Name
Res
Reset by
R/W
Description
7
EnXtal
0
ResMain
R/W
Enable Xtal oscillator if = ‘1’
6
SelExtHFck
0
ResMain
R/W
Enable external clock instead of RC if = ‘1’
5
SelHFckSource
0
ResMain
R/W
Select external clock PA4 if '0', PA5 if '1'
4
SelExtLFck
0
ResMain
R/W
Enable external clock instead of Xtal if = ‘1’
3
--
0
--
R/W
Not used, read always ‘0’
2
Sel32k
0
ResMain
R/W
CPU clock ‘1’=low freq (F1) ‘0’=high freq (F2)
1
RCDiv[1]
1
ResMain
R/W
0
RCDiv[0]
1
ResMain
R/W
HF domain division factor for F2:
‘00’=1, ‘01’=2 , ‘10’=4, ‘11’=8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com