Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM6812WS11 Datasheet(PDF) 21 Page - EM Microelectronic - MARIN SA

Part # EM6812WS11
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812WS11 Datasheet(HTML) 21 Page - EM Microelectronic - MARIN SA

Back Button EM6812WS11 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6812WS11 Datasheet HTML 25Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
21
www.emmicroelectronic.com
BO and SVLD consumption adder
IVDD=f(Temp)
0
2
4
6
8
10
-40
-20
0
2040
6080 [°C]
BO and SVLD consumption adder
IVDD=f(VDD)
0
2
4
6
8
10
2
3456 [V]
7.5
BrownOut reset
The BrownOut is a voltage supervisory function. It
monitors the main power supply and puts the circuit in
reset state when the supply drops below a predefined
value of voltage VBO (~2.05V).
BrownOut is enabled at power up EnBrownOut=’1’
automatically. Afterwards the user can switch off the
brown out function with the bit EnBrownOut='0' in
register RegAnaCfg. During Sleep mode the function is
temporarily disabled (most analog cells are switched off
during sleep). After the sleep mode the brownout function
which was selected before sleep will be reactivated.
The brown out reset occurrence is flagged with bit
ResBwnOutFlag
in register RegResStat. Write ‘0’ to
clear this flag. BrownOut reset will also set the
ResInpPAFlag bit when DisResInp bit is set ‘1’.
If the brown out voltage VBO is reached faster than the
Brown Out start-up delay time constant, then no reset
condition will flag. In case of lower speed start up both
ResBwnOutFlag and ResInpPAFlag will show. The user
may distinguish between initial ‘slow’ power-up and
‘normal’ brown out by using the bit SleepEN. This bit is
reset by POR only. In this case if after re-start the
SleepEn and ResBwnOutFlag are set, then the circuit is
coming from brown out condition. If SleepEn is reset the
circuit comes from power-up condition.
While the Brownout function is enabled the circuit will
draw additional ~6µA of IVDD current (for Bandgap and
Comparator) in all modes except sleep mode.
Figure 12. BrownOut and PowerCheck architecture
Figure 13. BO and SVLD consumption
7.5.1
BO Timings
7.5.1.1
BrownOut Startup delay ~10ms
The start-up delay allows the integrated Bandgap reference and the Comparator to stabilize after switching on the function.
The start-up delay is switched on after power-up (voltage rises above VPOR), setting EnBrownOut=’1’ or resuming from
Sleep mode. The start-up delay is independent of the current VDD voltage.
During the whole start-up delay phase no BrownOut reset will be generated.
7.5.1.2
BrownOut Filter (~30µs)
The BrownOut condition needs to be at least approx. 30µs present to initiate system reset. In case of VBAT undervoltage
not reaching the VPOR, then CPU starts to operate approx. 330µs after the VDD voltage is again above VBO (= Re-start
after BrownOut).
If the undervoltage reaches and switches on the POR function (< 1.5V), then BrownOut start-up delay as described in
7.5.1.1 applies in addition to meet the powercheck voltage VPWC before the CPU is able to operate again.
7.5.1.3
Re-start after BrownOut (~330µs)
VDD rising again above the VBO voltage will allow restart of CPU operation. However this restart is delayed by approx.
330µs (cold start delay, reset synchronization and BrownOut Filter) Refer also to Figure 12. BrownOut and PowerCheck
architecture
Note: Time constants are based on the Prescaler2 clock output that is closest to32kHz. It takes into account the prescaler
clock selection, the RC Oscillator frequency range and the RC divider settings. If running on external clock input the time
constants may change accordingly to the input frequency and clock management set-ups.
PwrCheck
BrownOut
POR
EN
BROWN
OUT
S
POR
Filter
30µs
Start-Up delay
10ms
R
Vbat
Enable
EnBrownOut
Sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com