Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WL40W1F-DAC4AS/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # WL40W1F-DAC4AS/Q
Description  Wireless I/O WL40F Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40W1F-DAC4AS/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  WL40W1F-DAC4AS/Q Datasheet HTML 1Page - M-System Co.,Ltd. WL40W1F-DAC4AS/Q Datasheet HTML 2Page - M-System Co.,Ltd. WL40W1F-DAC4AS/Q Datasheet HTML 3Page - M-System Co.,Ltd. WL40W1F-DAC4AS/Q Datasheet HTML 4Page - M-System Co.,Ltd. WL40W1F-DAC4AS/Q Datasheet HTML 5Page - M-System Co.,Ltd. WL40W1F-DAC4AS/Q Datasheet HTML 6Page - M-System Co.,Ltd. WL40W1F-DAC4AS/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: WL40W1F-DAC4A
WL40W1F SPECIFICATIONS
ES-9083 Rev.1 Page 4/7
http://www.m-system.co.jp/
TERMINAL ASSIGNMENTS
■ CONNECTORS FOR POWER INPUT
Unit side connector: MSTBV2,5/5-GF-5,08AU (Phoenix Contact)
Cable side connector: TFKC2,5/5-STF-5,08AU (Phoenix Contact)
• Power input code: R (24 V DC)
• Power input code: S (12 V DC)
24V
0V
NC
NC
FE1
ID
FUNCTION
12V
0V
NC
NC
FE1
ID
FUNCTION
24V
Power input 24 V
12V
Power input 12 V
0V
Power input 0 V
0V
Power input 0 V
NC
Not used
NC
Not used
NC
Not used
NC
Not used
FE1
Power input earth
FE1
Power input earth
■ CONTACT INPUT CONNECTOR
Unit side connector: MC1,5/5-GF-3,5 (Phoenix Contact)
Cable side connector: FMC1,5/5-STF-3,5 (Phoenix Contact)
DI1A
DI1B
DI2A
DI2B
NC
ID
FUNCTION
DI1A
Contact input 1A
DI1B
Contact input 1B
DI2A
Contact input 2A
DI2B
Contact input 2B
NC
Not used
■ TRANSISTOR OUTPUT CONNECTOR
Unit side connector: MC1,5/5-GF-3,5 (Phoenix Contact)
Cable side connecto: FMC1,5/5-STF-3,5 (Phoenix Contact)
V+
V-
DO1
DO2
NC
ID
FUNCTION
V+
External excitation +
V–
External excitation –
DO1
NPN transistor output 1
DO2
NPN transistor output 2
NC
Not used



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com