Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 6Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 7Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 8Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 9Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 10Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 11Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 12Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 13Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADMV8818-EP
Enhanced Product
Rev. A | Page 10 of 36
–50
0
16
RF FREQUENCY (GHz)
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
GROUP DELAY
INSERTION LOSS
1.50
0
0.15
0.30
0.45
0.60
0.75
0.90
1.05
1.20
1.35
Figure 10. Insertion Loss and Group Delay vs. RF Frequency, HPF 1 and LPF 2
at 4 GHz Constant Bandwidth
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
GROUP DELAY
INSERTION LOSS
1.50
0
0.15
0.30
0.45
0.60
0.75
0.90
1.05
1.20
1.35
2
18
16 17
RF FREQUENCY (GHz)
3 4 5 6 7 8 9 10 11 12 13 14 15
Figure 11. Insertion Loss and Group Delay vs. RF Frequency, HPF 2 and LPF 3
at 4 GHz Constant Bandwidth
55
45
35
25
15
5
HPF 1
AND
LPF 2
HPF 2
AND
LPF 3
HPF 3
AND
LPF 4
HPF 4
AND
LPF 4
−40°C, HPF 1 STATE 2, LPF 2 STATE 11
+25°C, HPF 1 STATE 2, LPF 2 STATE 11
+85°C, HPF 1 STATE 2, LPF 2 STATE 11
−40°C, HPF 2 STATE 11, LPF 3 STATE 8
+25°C, HPF 2 STATE 11, LPF 3 STATE 8
+85°C, HPF 2 STATE 11, LPF 3 STATE 8
−40°C, HPF 3 STATE 10, LPF 4 STATE 5
+25°C, HPF 3 STATE 10, LPF 4 STATE 5
+85°C, HPF 3 STATE 10, LPF 4 STATE 5
−40°C, HPF 4 STATE 5, LPF 4 STATE 13
+25°C, HPF 4 STATE 5, LPF 4 STATE 13
+85°C, HPF 4 STATE 5, LPF 4 STATE 13
RF FREQUENCY (GHz)
60
50
40
30
20
10
0
2
0
4
6
8
10
12
14
16
18
20
Figure 12. Input IP3 vs. RF Frequency, 4 GHz, 3 dB Bandwidth Configuration
at Various Temperatures
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
GROUP DELAY
INSERTION LOSS
1.50
0
0.15
0.30
0.45
0.60
0.75
0.90
1.05
1.20
1.35
6
22
19 20 21
18
16 17
RF FREQUENCY (GHz)
7 8 9 10 11 12 13 14 15
Figure 13. Insertion Loss and Group Delay vs. RF Frequency, HPF 3 and LPF 4
at 4 GHz Constant Bandwidth
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
GROUP DELAY
INSERTION LOSS
1.50
0
0.15
0.30
0.45
0.60
0.75
0.90
1.05
1.20
1.35
8
24
22 23
19 20 21
18
16 17
RF FREQUENCY (GHz)
9 10 11 12 13 14 15
Figure 14. Insertion Loss and Group Delay vs. RF Frequency, HPF 4 and LPF 4
at 4 GHz Constant Bandwidth
–180
1k
10k
100k
1M
10M
100M
–160
–140
–120
–100
–170
–150
–130
–110
–165
–145
–125
–105
–175
–155
–135
–115
25°C, HPF 1 STATE 2, LPF 2 STATE 11
25°C, HPF 2 STATE 11, LPF 3 STATE 8
25°C, HPF 3 STATE 10, LPF 4 STATE 5
25°C, HPF 4 STATE 5, LPF 4 STATE 13
OFFSET FREQUENCY (Hz)
Figure 15. Residual Phase Noise vs. Offset Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com