Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VC-714 Datasheet(PDF) 4 Page - Microchip Technology

Part # VC-714
Description  LVPECL, LVDS Crystal Oscillator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VC-714 Datasheet(HTML) 4 Page - Microchip Technology

  VC-714 Datasheet HTML 1Page - Microchip Technology VC-714 Datasheet HTML 2Page - Microchip Technology VC-714 Datasheet HTML 3Page - Microchip Technology VC-714 Datasheet HTML 4Page - Microchip Technology VC-714 Datasheet HTML 5Page - Microchip Technology VC-714 Datasheet HTML 6Page - Microchip Technology VC-714 Datasheet HTML 7Page - Microchip Technology VC-714 Datasheet HTML 8Page - Microchip Technology VC-714 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VC-714
DS20006509B-page 4
2021 Microchip Technology Inc.
ELECTRICAL CHARACTERISTICS, LVDS OPTION
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage (Note 1)
VDD
2.375
2.5
2.625
V
Ordering Option
3.135
3.3
3.465
Current Consumption
IDD
35
mA
2.5V
—
—
35
3.3V
Frequency
Nominal Frequency
fN
100
—
320
MHz Ordering Option
Stability (Note 2)
—
—
—
±25
ppm
Ordering Option
—
—
±50
—
—
±100
Outputs
Output Logic Level High (Note 3)
VOH
—
1.43
1.6
V
—
Output Logic Level Low (Note 3)
VOL
0.9
1.10
—
Output Amplitude
—
±247
±350
±454
mV
—
Differential Output Error
—
—
—
50
mV
—
Offset Voltage
—
1.125
1.25
1.375
V
—
Offset Voltage Error
—
—
—
50
mV
—
Output Leakage Current, Outputs
Disabled
—
—
—
30
µA
—
Output Rise and Fall Time (Note 3)
tr/tf
—
—
300
ps
—
Load
—
100Ω Differential
—
—
Duty Cycle (Note 4)
DC
45
—
55
%
—
Phase Noise, 3.3V, 156.25 MHz
(Note 5)
ɸN
—
–75
—
dBc/Hz
10 Hz
—
–110
—
100 Hz
—
–133
—
1 kHz
—
–141
—
10 kHz
—
–158
—
100 kHz
—
–162
—
1 MHz
—
–163
—
10 MHz
—
–163
—
20 MHz
Phase Jitter, 156.25 MHz,
12 kHz to 20 MHz (Note 5)
ɸJ
—
40
60
fs
—
Note 1: The VC-714 power supply should be filtered. For example, a 10 µF, 0.1 µF, and 0.01 µF capacitor.
2: Includes calibration tolerance, operating temperature, supply voltage variations, aging, and IR reflow.
3: Figure 1-3 defines the test circuit and Figure 1-2 defines these parameters.
4: Duty Cycle is measured as On/Time Period.
5: Measured using an Agilent E5052 Signal Source Analyzer at 25°C.
6: Outputs will be enabled if Enable/Disable is left open. There is an oscillation detection circuit that ensures
glitch free output upon power-up or enable.
7: In order to reduce current, the pull-up resistance is higher when VDD is set to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com