Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VC-714 Datasheet(PDF) 9 Page - Microchip Technology

Part # VC-714
Description  LVPECL, LVDS Crystal Oscillator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VC-714 Datasheet(HTML) 9 Page - Microchip Technology

Back Button VC-714 Datasheet HTML 5Page - Microchip Technology VC-714 Datasheet HTML 6Page - Microchip Technology VC-714 Datasheet HTML 7Page - Microchip Technology VC-714 Datasheet HTML 8Page - Microchip Technology VC-714 Datasheet HTML 9Page - Microchip Technology VC-714 Datasheet HTML 10Page - Microchip Technology VC-714 Datasheet HTML 11Page - Microchip Technology VC-714 Datasheet HTML 12Page - Microchip Technology VC-714 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
2021 Microchip Technology Inc.
DS20006509B-page 9
VC-714
4.0
RELIABILITY
Microchip qualification will include aging at various extreme temperatures, shock and vibration, temperature cycling, and
IR reflow simulation. The VC-714 family is capable of meeting the following qualification tests.
5.0
IR REFLOW
Devices are built using lead-free epoxy and can be subjected to standard lead-free IR reflow conditions shown in
Table 5-1. Contact pads are gold over nickel and lower maximum temperatures can also be used, such as 220°C.
FIGURE 5-1:
Solder Profile.
TABLE 4-1:
ENVIRONMENTAL COMPLIANCE
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Temperature Cycle
MIL-STD-883, Method 1010
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2015
Moisture Sensitivity Level
MSL 1
Contact Pads
Gold (0.3 µm min., 1.0 µm max.) over Nickel
θJC (Bottom of Case)
30°C/W
Maximum Junction Temperature
150°C
Weight
180 mg
TABLE 5-1:
REFLOW PROFILE
Parameter
Symbol
Value
Pre-Heat Time
tS
200 seconds maximum
Ramp Up
RUP
3°C/sec. maximum
Time above 217°C
tL
150 seconds maximum
Time to Peak Temperature
TAMB-P
480 seconds maximum
Time at 260°C
tP
30 seconds maximum
Time at 240°C
tP2
60 seconds maximum
Ramp Down
RDN
6°C/sec. maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com