Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CEC1712 Datasheet(PDF) 87 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 87 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 83Page - Microchip Technology CEC1712 Datasheet HTML 84Page - Microchip Technology CEC1712 Datasheet HTML 85Page - Microchip Technology CEC1712 Datasheet HTML 86Page - Microchip Technology CEC1712 Datasheet HTML 87Page - Microchip Technology CEC1712 Datasheet HTML 88Page - Microchip Technology CEC1712 Datasheet HTML 89Page - Microchip Technology CEC1712 Datasheet HTML 90Page - Microchip Technology CEC1712 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 87
CEC1712
5.8
Low Power Modes
The ARM processor can enter Sleep or Deep Sleep modes internally. This action will cause an output signal Clock
Required to be turned off, allowing clocks to be stopped from the chip level. However, Clock Required will still be held
active, or set to active, unless all of the following conditions exist:
• No interrupt is pending.
• An input signal Sleep Enable from the chip level is active.
• The Debug JTAG port is inactive (reset or configured not present).
In addition, regardless of the above conditions, a chip-level input signal Force Halt may halt the processor and remove
Clock Required.
5.9
Description
5.9.1
BUS CONNECTIONS
There are three bus connections used from CEC1712 EC block, which are directly related to the IP bus ports. See
Figure 5-1, "ARM M4 Based Embedded Controller I/O Block Diagram".
For the mapping of addresses at the chip level, see Section 3.0, "Device Inventory".
5.9.1.1
Closely Coupled Instruction Fetch Bus
As shown in Figure 5-1, the AHB-Lite ICode port from the IP is converted to a more conventional SRAM memory-style
bus and connected to the on-chip memory resources with routing priority appropriate to Instruction Fetches.
5.9.1.2
Closely Coupled Data Bus
As shown in Figure 5-1, the AHB-Lite DCode port from the IP is converted to a more conventional SRAM memory-style
bus and connected to the on-chip memory resources with routing priority appropriate to fast Data Read/Write accesses.
5.9.1.3
Chip-Level System Bus
As shown in Figure 5-1, the AHB-Lite System port from the IP is converted from AHB-Lite to fully arbitrated multi-master
capability (the AMBA 2 defined AHB bus: see Reference [5], ARM Limited: AMBA® Specification (Rev 2.0), IHI0011A,
13 May 1999). Using this bus, all addressable on-chip resources are available. The multi-mastering capability supports
the Microchip DMA and EMI features if present, as well as the Bit-Banding feature of the IP itself.
As also shown in Figure 5-1, the Closely-Coupled memory resources are also available through this bus connection
using aliased addresses. This is required in order to allow Bit Banding to be used in these regions, but it also allows
them to be accessed by DMA and other bus masters at the chip level.
5.9.2
INSTRUCTION PIPELINING
There are no special considerations except as defined by ARM documentation.
5.10
Debugger Access Support
An external Debugger accesses the chip through a JTAG standard interface. The ARM Debug Access Port supports
both the 2-pin SWD (Serial Wire Debug) interface and the 4-pin JTAG interface.
As shown in Figure 5-1, "ARM M4 Based Embedded Controller I/O Block Diagram", other resources at the chip level
that share the JTAG port pins; for example chip-level Boundary Scan.
By default, debug access is disabled when the EC begins executing code. EC code enables debugging by writing the
Debug Enable Register in the EC Subsystem Registers block.
Note:
Registers with properties such as Write-1-to-Clear (W1C), Read-to-Clear and FIFOs need to be handled
with appropriate care when being used with the bit band alias addressing scheme. Accessing such a reg-
ister through a bit band alias address will cause the hardware to perform a read-modify-write, and if a W1C-
type bit is set, it will get cleared with such an access. For example, using a bit band access to the Interrupt
Aggregator, including the Interrupt Enables and Block Interrupt Status to clear an IRQ will clear all active
IRQs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com