Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CEC1712 Datasheet(PDF) 97 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 97 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 93Page - Microchip Technology CEC1712 Datasheet HTML 94Page - Microchip Technology CEC1712 Datasheet HTML 95Page - Microchip Technology CEC1712 Datasheet HTML 96Page - Microchip Technology CEC1712 Datasheet HTML 97Page - Microchip Technology CEC1712 Datasheet HTML 98Page - Microchip Technology CEC1712 Datasheet HTML 99Page - Microchip Technology CEC1712 Datasheet HTML 100Page - Microchip Technology CEC1712 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 97
CEC1712
7.11.1
CONFIGURATION
The DMA Controller is enabled via the ACTIVATE bit in DMA Main Control Register register.
Each DMA Channel must also be individually enabled via the CHANNEL_ACTIVATE bit in the DMA Channel N Activate
Register to be operational.
Before starting a DMA transaction on a DMA Channel the host must assign a DMA Master to the channel via HARD-
WARE_FLOW_CONTROL_DEVICE. The host must not configure two different channels to the same DMA Master at
the same time.
Data will be transfered between the DMA Master, starting at the programmed DEVICE_ADDRESS, and the targeted
memory location, starting at the MEMORY_START_ADDRESS. The address for either the DMA Master or the targeted
memory location may remain static or it may increment. To enable the DMA Master to increment its address set the
INCREMENT_DEVICE_ADDRESS bit. To enable the targeted memory location to increment its addresses set the
INCREMENT_MEMORY_ADDRESS. The DMA transfer will continue as long as the target memory address being
accessed is less than the MEMORY_END_ADDRESS. If the DMA Controller detects that the memory location it is
attempting to access on the Target is equal to the MEMORY_END_ADDRESS it will notify the DMA Master that the
transaction is done. Otherwise the Data will be transferred in packets. The size of the packet is determined by the
TRANSFER_SIZE.
7.11.2
OPERATION
The DMA Controller is designed to move data from one memory location to another.
7.11.2.1
Establishing a Connection
A DMA Master will initiate a DMA Transaction by requesting access to a channel. The DMA arbiter, which evaluates
each channel request using a basic round robin algorithm, will grant access to the DMA master. Once granted, the chan-
nel will hold the grant until it decides to release it, by notifying the DMA Controller that it is done.
If Firmware wants to prevent any other channels from being granted while it is active it can set the LOCK_CHANNEL bit.
7.11.2.2
Initiating a Transfer
Once a connection is established the DMA Master will issue a DMA request to start a DMA transfer. If Firmware wants
to have a transfer request serviced it must set the RUN bit to have its transfer requests serviced.
Firmware can initiate a transaction by setting the TRANSFER_GO bit. The DMA transfer will remain active until either
the Master issues a Terminate or the DMA Controller signals that the transfer is DONE. Firmware may terminate a trans-
action by setting the TRANSFER_ABORT bit.
Data may be moved from the DMA Master to the targeted Memory address or from the targeted Memory Address to the
DMA Master. The direction of the transfer is determined by the TRANSFER_DIRECTION bit.
Once a transaction has been initiated firmware can use the STATUS_DONE bit to determine when the transaction is
completed. This status bit is routed to the interrupt interface. In the same register there are additional status bits that
indicate if the transaction completed successfully or with errors. These bits are OR’d together with the STATUS_DONE
bit to generate the interrupt event. Each status be may be individually enabled/disabled from generating this event.
7.11.2.3
Reusing a DMA Channel
After a DMA Channel controller has completed, firmware must clear both the DMA Channel N Control Register and the
DMA Channel N Interrupt Status Register. After both have been cleared to 0, the Channel Control Register can then be
configured for the next transaction.
7.11.2.4
CRC Generation
A CRC generator can be attached to a DMA channel in order to generate a CRC on the data as it is transfered from the
source to the destination. The CRC used is the CRC-32 algorithm used in IEEE 802.3 and many other protocols, using
the polynomial x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 + x4 + x2 + x + 1. The CRC generation takes
place in parallel with the data transfer; enabling CRC will not increase the time to complete a DMA transaction. The CRC
generator has the optional ability to automatically transfer the generated CRC to the destination after the data transfer
has completed.
Note:
Before initiating a DMA transaction via firmware the hardware flow control must be disabled via the DIS-
ABLE_HARDWARE_FLOW_CONTROL bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com