Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX20050ATC/V+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX20050ATC/V+
Description  2A Synchronous-Buck LED Drivers with Integrated MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20050ATC/V+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX20050ATC/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TQFN
NAME
FUNCTION
MAX20053D
1, 24
AGND
Analog Ground. Pins 1 and 24 should be shorted outside the IC.
2
REFI
Analog Dimming-Control Input. Connect an analog voltage from 0 to 1.2V for analog dimming of
LED current.
3
VCC
5V Regulator Output. Connect a 1μF ceramic capacitor to AGND from this pin for stable operation.
4
BST
High-Side Power Supply for Gate Drive. Connect a 0.1μF ceramic capacitor from BST to LX.
5, 6, 7, 8
LX
Switching Node. Connect to one end of output inductor.
9
NC
No Connect
10, 11
PGND
Power Ground
12, 13
IN
Power-Supply Input. Bypass to PGND with a minimum of 1μF ceramic capacitor.
14
NC
No Connect
15, 16
CS+
Current-Sense Positive Pin. This is the positive input of the high-side average current-mode
control amplifier. See the Programming the LED Current section for information on setting the
resistor value. The output inductor and current-sense resistor are connected at this node.
17
NC
No Connect
18
CS-
Current-Sense Negative Pin. This is the negative input of the high-side average current-mode
control amplifier. See the Programming the LED Current section for information on setting the
resistor value. This node goes to the anode of the LED string. One end of the current-sense
resistor connects to this pin.
19
PWM
Logic-Level Dimming Input. Drive PWM low to turn off the current regulator. Drive PWM high to
enable the current regulator. If PWM is driven low for greater than 210ms, the device turns off.
20
NC
No Connect
21
FLT
Open-Drain Fault Output. Refer to the Fault Pin Behavior section for information on Fault.
22
NC
No Connect
23
COMP
Compensation Output. Connect an external RC network for loop compensation.
—
EP
Exposed Pad. Connect EP to a large-area ground plane for effective power dissipation. Connect
EP to AGND. Do not use as the only ground connection.
MAX20050–MAX20053
2A Synchronous-Buck LED Drivers
with Integrated MOSFETs
www.maximintegrated.com
Maxim Integrated │ 9
Pin Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com