Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX20050ATC/V+ Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX20050ATC/V+
Description  2A Synchronous-Buck LED Drivers with Integrated MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20050ATC/V+ Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX20050ATC/V+ Datasheet HTML 15Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 16Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 17Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 18Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 19Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 20Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 21Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 22Page - Maxim Integrated Products MAX20050ATC/V+ Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Figure 9. Section from MAX20051 EV Kit PCB Layout
MAX20050–MAX20053
2A Synchronous-Buck LED Drivers
with Integrated MOSFETs
www.maximintegrated.com
Maxim Integrated │ 21
RFILTER
RSENSE
COUT
L
COMPENSATION
NETWORK
CBOOST
7
MAX2005x
HEAT
COMPONENT SIDE
SOLDER SIDE
SIGNAL + POWER
AGND
SIGNAL
PGND
4
2
LED+
PGND
VIN
CIN
CFILTER
ROUTE ON INNER SIGNAL LAYER
6
1
4
8
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com