Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6DP7AVT1AB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SCIMX6DP7AVT1AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7AVT1AB Datasheet(HTML) 5 Page - NXP Semiconductors

  SCIMX6DP7AVT1AB Datasheet HTML 1Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 2Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 3Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 4Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 5Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 6Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 7Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 8Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 166 page
background image
Introduction
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
5
— Private Timer and Watchdog
— Cortex-A9 NEON MPE (Media Processing Engine) Co-processor
The Arm Cortex-A9 MPCore complex includes:
•
General Interrupt Controller (GIC) with 128 interrupt support
•
Global Timer
•
Snoop Control Unit (SCU)
•
1 MB unified I/D L2 cache, shared by two/four cores
•
Two Master AXI (64-bit) bus interfaces output of L2 cache
•
Frequency of the core (including Neon and L1 cache) as per Table 6.
•
NEON MPE coprocessor
— SIMD Media Processing Architecture
— NEON register file with 32x64-bit general-purpose registers
— NEON Integer execute pipeline (ALU, Shift, MAC)
— NEON dual, single-precision floating point execute pipeline (FADD, FMUL)
— NEON load/store and permute pipeline
The SoC-level memory system consists of the following additional components:
•
Boot ROM, including HAB (96 KB)
•
Internal multimedia / shared, fast access RAM (OCRAM, 512 KB)
•
Secure/non-secure RAM (16 KB)
•
External memory interfaces:
— 16-bit, 32-bit, and 64-bit DDR3-1066, DDR3L-1066, and 1/2 LPDDR2-800 channels,
supporting DDR interleaving mode, for dual x32 LPDDR2
— 8-bit NAND-Flash, including support for Raw MLC/SLC, 2 KB, 4 KB, and 8 KB page size,
BA-NAND, PBA-NAND, LBA-NAND, OneNAND™ and others. BCH ECC up to 40 bit.
— 16/32-bit NOR Flash. All EIMv2 pins are muxed on other interfaces.
— 16/32-bit PSRAM, Cellular RAM
Each i.MX 6DualPlus/6QuadPlus processor enables the following interfaces to external devices (some of
them are muxed and not available simultaneously):
•
Hard Disk Drives—SATA II, 3.0 Gbps
•
Displays—Total five interfaces available. Total raw pixel rate of all interfaces is up to 450
Mpixels/sec, 24 bpp. Up to four interfaces may be active in parallel.
— One Parallel 24-bit display port, up to 225 Mpixels/sec (for example, WUXGA at 60 Hz or dual
HD1080 and WXGA at 60 Hz)
— LVDS serial ports—One port up to 170 Mpixels/sec (for example, WUXGA at 60 Hz) or two
ports up to 85 MP/sec each
— HDMI 1.4 port
— MIPI/DSI, two lanes at 1 Gbps
•
Camera sensors:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com