Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6DP7AVT1AB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SCIMX6DP7AVT1AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7AVT1AB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SCIMX6DP7AVT1AB Datasheet HTML 5Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 6Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 7Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 8Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 9Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 10Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 11Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 12Page - NXP Semiconductors SCIMX6DP7AVT1AB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 166 page
background image
Architectural Overview
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
9
2
Architectural Overview
The following subsections provide an architectural overview of the i.MX 6DualPlus/6QuadPlus
processor system.
2.1
Block Diagram
Figure 2 shows the functional modules in the i.MX 6DualPlus/6QuadPlus processor system.
Figure 2. i.MX 6DualPlus/6QuadPlus Automotive Grade System Block Diagram
NOTE
The numbers in brackets indicate number of module instances. For example,
PWM (4) indicates four separate PWM peripherals.
Smart DMA
(SDMA)
Shared Peripherals
AP Peripherals
ARM Cortex A9
SSI (3)
eCSPI (5)
MPCore Platform
Timers/Control
GPT
PWM (4)
EPIT (2)
GPIO
WDOG (2)
I2C (3)
IOMUXC
OCOTP
AUDMUX
KPP
Boot
ROM
CSU
Fuse Box
Debug
DAP
TPIU
CAAM
(16KB Ram)
Security
USB OTG +
3 HS Ports
CTIs
Internal
Host PHY2
OTG PHY1
ESAI
External
Memory
RAM
(512KB)
LDB
1/2 LCD
Displays
Domain (AP)
SJC
1MB L2 cache
SCU, Timer
WLAN
USB OTG
JTAG
(IEEE1149.6)
Bluetooth
MMC/SD
eMMC/eSD
SATA II
3.0Gbps
GPS
Audio,
Power
Mgmnt.
SPBA
CAN (2)
Digital
Audio
5xFast-UART
SPDIF Rx/Tx
Video
Proc. Unit
(VPU + Cache)
3D Graphics
Proc. Unit
(GPU3D)
1/2 LVDS
(WUXGA+)
Battery Ctrl
Device
NOR Flash
PSRAM
LPDDR2 (400 MHz)
DDR3 (532 MHz)
1-Gbps ENET
MLB 150
4x Camera
Parallel/MIPI
(96KB)
Clock and Reset
PLL (8)
CCM
GPC
SRC
XTALOSC
OSC32K
PTM’s CTI’s
HDMI 1.4
Display
GPMI
HSI/MIPI
MIPI
Display
DSI/MIPI
HDMI
2xHSIC
PHY
PCIe Bus
ASRC
SNVS
(SRTC)
uSDHC (4)
Modem IC
2D Graphics
Proc. Unit
(GPU2D)
MMC/SD
SDXC
Raw/ONFI 2.2
Nand-Flash
MMDC
EIM
Keypad
A9-Core
L1 I/D Cache
Timer, Wdog
4x
Crystals
& Clock sources
ImageProcessing
Subsystem
2x IPUv3H
Temp Monitor
MLB/Most
OpenVG 1.1
Proc. Unit
(GPUVG)
Mbps
10/100/1000
Ethernet
Network
(dev/host)
Interface
2xCAN
Interface
GPS
GPS
CSI2/MIPI
Application Processor
Power Management Unit
(PMU) LDOs
PRG
PRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com