Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7322KSTZ1 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7322KSTZ1
Description  Multiformat 11-Bit HDTV Video Encoder
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7322KSTZ1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7322KSTZ1 Datasheet HTML 3Page - Analog Devices ADV7322KSTZ1 Datasheet HTML 4Page - Analog Devices ADV7322KSTZ1 Datasheet HTML 5Page - Analog Devices ADV7322KSTZ1 Datasheet HTML 6Page - Analog Devices ADV7322KSTZ1 Datasheet HTML 7Page - Analog Devices ADV7322KSTZ1 Datasheet HTML 8Page - Analog Devices ADV7322KSTZ1 Datasheet HTML 9Page - Analog Devices ADV7322KSTZ1 Datasheet HTML 10Page - Analog Devices ADV7322KSTZ1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
Preliminary Technical Data
ADV7322
Rev. PrA | Page 7 of 88
DYNAMIC SPECIFICATIONS
VAA = 2.375 V − 2.625 V, VDD = 2.375 V − 2.625 V, VDD_IO = 2.375 V − 3.6 V, VREF = 1.235 V, RSET = 3040 Ω, RLOAD = 300 Ω. All specifications
TMIN to TMAX (0°C to 70°C), unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions
PROGRESSIVE SCAN MODE
Luma Bandwidth
12.5
MHz
Chroma Bandwidth
5.8
MHz
SNR
65.6
dB
Luma ramp unweighted
72
dB
Flat field full bandwidth
HDTV MODE
Luma Bandwidth
30
MHz
Chroma Bandwidth
13.75
MHz
STANDARD DEFINITION MODE
Hue Accuracy
0.4
Degrees
Color Saturation Accuracy
0.4
%
Chroma Nonlinear Gain
1.2
±%
Referenced to 40 IRE
Chroma Nonlinear Phase
−0.2
± Degrees
Chroma/Luma Intermodulation
0
±%
Chroma/Luma Gain Inequality
97
±%
Chroma/Luma Delay Inequality
−1.1
ns
Luminance Nonlinearity
0.5
±%
Chroma AM Noise
84
dB
Chroma PM Noise
75.2
dB
Differential Gain
0.15
%
NTSC
Differential Phase
0.2
Degrees
NTSC
SNR
59.1
dB
Luma ramp
77.1
dB
Flat field full bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com