Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZX584C2V4 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BZX584C2V4
Description  Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BZX584C2V4 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BZX584C2V4 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BZX584C2V4 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BZX584C2V4 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd BZX584C2V4 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd BZX584C2V4 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Rev :
www.leiditech.com
01.06.2018
2/5
DEVICE
Marking
VZ(V) @ IZ=5mA
ZZ @
IZ = 1
mA
ZZ
@
IZ = 5
mA
ZZ
@
IZ =
20mA
IR@VR
VR
Typical
Temperature
Coefficient(mV/℃)@
IZ=5mA
MIN
NOM
MAX



(uA)
V
Min
Max
BZX584C2V4
Z11
2.28
2.4
2.52
570
95
47.5
40
1
-3.5
0
BZX584C2V7
Z12
2.57
2.7
2.84
570
95
47.5
16
1
-3.5
0
BZX584C3V0
Z13
2.85
3
3.15
570
90
47.5
8
1
-3.5
0
BZX584C3V3
Z14
3.14
3.3
3.47
570
90
38
4
1
-3.5
0
BZX584C3V6
Z15
3.42
3.6
3.78
570
85
38
4
1
-3.5
0
BZX584C3V9
Z16
3.72
3.9
4.08
570
85
28.5
2.4
1
-3.5
0
BZX584C4V3
Z17
4.09
4.3
4.52
570
85
28.5
2.4
1
-3.5
0
BZX584C4V7
Z1
4.47
4.7
4.94
475
75
14
2.4
2
-3.5
0.2
BZX584C5V1
Z2
4.85
5.1
5.36
455
57
14
1.6
2
-2.7
1.2
BZX584C5V6
Z3
5.32
5.6
5.88
380
38
9.5
0.8
2
-2
2.5
BZX584C6V2
Z4
5.89
6.2
6.51
150
9.5
5.7
2.4
4
0.4
3.7
BZX584C6V8
Z5
6.46
6.8
7.14
76
14.2
5.7
1.6
4
1.2
4.5
BZX584C7V5
Z6
7.13
7.5
7.88
76
14.2
5.7
0.8
5
2.5
5.3
BZX584C8V2
Z7
7.79
8.2
8.61
76
14.2
5.7
0.56
5
3.2
6.2
BZX584C9V1
Z8
8.65
9.1
9.56
95
14.2
7.6
0.16
7
3.8
7.0
BZX584C10
Z9
9.50
10
10.50
142.5
19
9.5
0.08
8
4.5
8.0
BZX584C11
Y1
10.45
11
11.55
142.5
19
9.5
0.08
8
5.4
9.0
BZX584C12
Y2
11.4
12
12.60
150
23.7
9.5
0.08
8
6.0
10.0
BZX584C13
Y3
12.35
13
13.65
170
28.5
14.2
0.08
8
7.0
11.0
BZX584C15
Y4
14.25
15
15.75
190
28.5
19
0.04
11
9.2
13.0
BZX584C16
Y5
15.2
16
16.80
190
38
19
0.04
11
10.4
14.0
BZX584C18
Y6
17.10
18
18.90
213
42.7
19
0.04
13
12.4
16.0
BZX584C20
Y7
19.0
20
21.0
213
52.2
19
0.04
14
14.4
18.0
BZX584C22
Y8
20.9
22
23.10
237
52.2
23.7
0.04
15
16.4
20.0
BZX584C24
Y9
22.8
24
25.2
250
66.5
23.7
0.04
17
18.4
22.0
BZX584C2V4-BZX584C75



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com