Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZX584C2V4 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BZX584C2V4
Description  Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BZX584C2V4 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BZX584C2V4 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BZX584C2V4 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BZX584C2V4 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd BZX584C2V4 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd BZX584C2V4 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev :
www.leiditech.com
01.06.2018
3/5
DEVICE
Marking
VZ(V) @ IZ=2mA
ZZ @
IZ = 0.5
mA
ZZ
@
IZ = 2
mA
ZZ
@
IZ =
10mA
IR@VR
VR
Typical
Temperature
Coefficient(mV/℃)@
IZ=2mA
MIN
NOM
MAX



(uA)
V
Min
Max
BZX584C27
Y10
25.65
27
28.35
295
75
43
0.04
19
21.4
25.3
BZX584C30
Y11
28.50
30
31.50
295
75
48
0.04
21
24.4
29.4
BZX584C33
Y12
31.35
33
34.65
320
75
53
0.04
23
27.4
33.4
BZX584C36
Y13
34.20
36
37.80
345
85
58
0.04
25
30.4
37.4
BZX584C39
Y14
37.05
39
40.95
345
125
68
0.04
27
33.4
41.2
BZX584C43
Y15
40.85
43
45.15
370
145
78
0.04
30
37.6
46.6
BZX584C47
V1
44.65
47
49.35
370
165
88
0.04
33
42.0
51.8
BZX584C51
V2
48.45
51
53.55
395
175
98
0.04
36
46.6
57.2
BZX584C56
V3
52.2
56
58.8
420
195
108
0.04
39
52.2
63.8
BZX584C62
V4
58.9
62
65.1
445
210
118
0.04
43
58.8
71.6
BZX584C68
V5
64.6
68
71.4
470
235
128
0.04
48
65.6
79.8
BZX584C75
V6
71.25
75
78.75
495
250
138
0.04
53
73.4
88.6
BZX584C2V4-BZX584C75



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com