Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6DP6AVT1AB Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SCIMX6DP6AVT1AB
Description  i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6AVT1AB Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SCIMX6DP6AVT1AB Datasheet HTML 22Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 23Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 24Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 25Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 26Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 27Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 28Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 29Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 168 page
background image
i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018
26
NXP Semiconductors
Electrical Characteristics
— At power up, an internal ring oscillator is used. After crystal oscillator is stable, the clock circuit
switches over to the crystal oscillator automatically.
— Higher accuracy than ring oscillator.
— If no external crystal is present, then the ring oscillator is used.
The decision to choose a clock source should be based on real-time clock use and precision timeout.
4.1.5
Maximum Measured Supply Currents
Power consumption is highly dependent on the application. Estimating the maximum supply currents
required for power supply design is difficult because the use case that requires maximum supply current is
not a realistic use case.
To help illustrate the effect of the application on power consumption, data was collected while running
industry standard benchmarks that are designed to be compute and graphic intensive. The results provided
are intended to be used as guidelines for power supply design.
Description of test conditions:
•
The Power Virus data shown in Table 8 represent a use case designed specifically to show the
maximum current consumption possible for the Arm core complex. All cores are running at the
defined maximum frequency and are limited to L1 cache accesses only to ensure no pipeline stalls.
Although a valid condition, it would have a very limited, if any, practical use case, and be limited
to an extremely low duty cycle unless the intention was to specifically cause the worst case power
consumption.
•
EEMBC CoreMark: Benchmark designed specifically for the purpose of measuring the
performance of a CPU core. More information available at www.eembc.org/coremark. Note that
this benchmark is designed as a core performance benchmark, not a power benchmark. This use
case is provided as an example of power consumption that would be typical in a
computationally-intensive application rather than the Power Virus.
•
3DMark Mobile 2011: Suite of benchmarks designed for the purpose of measuring graphics and
overall system performance. Note that this benchmark is designed as a graphics performance
benchmark, not a power benchmark. This use case is provided as an example of power
consumption that would be typical in a very graphics-intensive application.
•
Devices used for the tests were from the high current end of the expected process variation.
The NXP power management IC, MMPF0100xxxx, which is targeted for the i.MX 6 series processor
family, supports the power consumption shown in Table 8, however a robust thermal design is required for
the increased system power dissipation.
See the i.MX 6Dual/6Quad Power Consumption Measurement Application Note (AN4509) for more
details on typical power consumption under various use case definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com