| Electronic Components Datasheet Search |
|
SCIMX6DP6AVT1AB Datasheet(PDF) 73 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCIMX6DP6AVT1AB Datasheet(HTML) 73 Page - NXP Semiconductors |
|
73 / 168 page ![]() Electrical Characteristics i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018 NXP Semiconductors 73 Figure 32 shows the timing diagram of NAND_DQS/NAND_DATAxx read valid window. For DDR Toggle mode, the typical value of tDQSQ is 1.4 ns (max) and 1.4 ns (max) for tQHS at 133 MB/s. GPMI will sample NAND_DATA[7:0] at both rising and falling edge of a delayed NAND_DQS signal, which is provided by an internal DPLL. The delay value of this register can be controlled by GPMI register GPMI_READ_DDR_DLL_CTRL.SLV_DLY_TARGET (see the GPMI chapter of the i.MX 6DualPlus/6QuadPlus reference manual (IMX6DQPRM)). Generally, the typical delay value is equal to 0x7 which means 1/4 clock cycle delay expected. However, if the board delay is large enough and cannot be ignored, the delay value should be made larger to compensate the board delay. 4.12 External Peripheral Interface Parameters The following subsections provide information on external peripheral interfaces. 4.12.1 AUDMUX Timing Parameters The AUDMUX provides a programmable interconnect logic for voice, audio, and data routing between internal serial interfaces (SSIs) and external serial interfaces (audio and voice codecs). The AC timing of AUDMUX external pins is governed by the SSI module. For more information, see the respective SSI electrical specifications found within this document. 4.12.2 ECSPI Timing Parameters This section describes the timing parameters of the ECSPI block. The ECSPI has separate timing parameters for master and slave modes. NF28 Data write setup tDS6 0.25 × tCK - 0.32 — ns NF29 Data write hold tDH6 0.25 × tCK - 0.79 — ns NF30 NAND_DQS/NAND_DQ read setup skew tDQSQ7 —3.18 — NF31 NAND_DQS/NAND_DQ read hold skew tQHS7 —3.27 — 1 The GPMI toggle mode output timing can be controlled by the module’s internal registers HW_GPMI_TIMING0_ADDRESS_SETUP, HW_GPMI_TIMING0_DATA_SETUP, and HW_GPMI_TIMING0_DATA_HOLD. This AC timing depends on these registers settings. In the table, AS/DS/DH represents each of these settings. 2 AS minimum value can be 0, while DS/DH minimum value is 1. 3 T = tCK (GPMI clock period) -0.075ns (half of maximum p-p jitter). 4 CE_DELAY represents HW_GPMI_TIMING2[CE_DELAY]. NF18 is met automatically by the design. Read/Write operation is started with enough time of ALE/CLE assertion to low level. 5 PRE_DELAY+1) ≥ (AS+DS). 6 Shown in Figure 30. 7 Shown in Figure 31. Table 46. Samsung Toggle Mode Timing Parameters1 (continued) ID Parameter Symbol Timing T = GPMI Clock Cycle Unit Min Max |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |