Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAV99 Datasheet(PDF) 8 Page - FutureWafer Tech Co.,Ltd

Part # BAV99
Description  Dual Channel Surface Mount Switching Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAV99 Datasheet(HTML) 8 Page - FutureWafer Tech Co.,Ltd

  BAV99 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAV99 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAV99 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAV99 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAV99 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAV99 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAV99 Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAV99 Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.futurewafer.com.tw
BAV99 / 99W
Dual Channel Surface Mount Switching Diode
Document Number:F41839X
11-Oct-2021 V 2.0
16. History
Version
Date
File No.
Recording
Basis
A
12-Feb-2018
New create
Market
F41839S
B
22-Apr-2109
Update company information
System
2.0
11-Oct-2021
Update Version
System
Futurewafer Technology Co.,Ltd 台灣未來芯科技股份有限公司
Tel :+886-3-3350161/FAX :+886-3-3350172
cherry@futurewafer.com.tw
No. 286-11F, Sec. 3, Sanmin Rd., Taoyuan Dist., Taoyuan City 330, Taiwan
Part No
Marking Code
Package
Packing
BAV99
A7
SOT-23
7” Reel/3,000pcs
BAV99W
SOT-323
15. Ordering information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com