Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAV99 Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # BAV99
Description  Dual Channel Surface Mount Switching Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAV99 Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  BAV99 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAV99 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAV99 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAV99 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAV99 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAV99 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAV99 Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAV99 Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.futurewafer.com.tw
BAV99 / 99W
Dual Channel Surface Mount Switching Diode
Document Number:F41839X
11-Oct-2021 V 2.0
BAV99W
SOT-323
4. Electrical Characteristics
Parameter
Symbol
Condition
Min
Max
Units
Reverse Breakdown Voltage
V BR
IR = 2.5uA
75
-
V
Forward Voltage
V F
IF = 1mA
-
0.715
IF = 10mA
-
0.855
IF = 50mA
-
1.0
IF = 150mA
-
1.25
Reverse Leakage Current
I R(max)
VR = 70V
-
2.5
uA
Reverse Recover Time
T rr
IF = IR = 10mA
-
4
nS
Junction Capacitance
C j, I/O-I/O
Vdc = 0V,f = 1MHZ
-
2
pf
C j, I/O-GND
3
3. Device Characteristics
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
V RRM
75
V
Working Peak Reverse Voltage
V RWM
DC Reverse Voltage
V R
Non-Repetitive Peak Reverse Voltage
V R(RMS)
53
Forward Continuous Current
I FM
300
mA
Non-Repetitive Peak Forward Surge Current
T = 1.0us
I FSM
2.0
A
T = 1.0s
1.0
Power Dissipation
P d
200
mW
Thermal Resistance Junction to Ambient ,Air
R Ɵja
625
°
C/W
Operating Temperature Range
T j
-55 to 150
°
C
Storage Temperature Range
T STG
1. Features
Fast Switching Speed
For High-Speed Switching Application
Ultra Small Surface Mount Package
2. Mechanical Characteristics
Molded SOT-23 / SOT-323 Package
Packing:Tape and Reel
Flammability Rating UL 94V-0
Halogen Free
Moisture Sensitivity Levels(MSL): Level 1
BAV99
SOT-23
1
2
3
1
2
3


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
1SS361UDJ DIODES-1SS361UDJ Datasheet
116Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
Shenzhen Luguang Electr...
BAV70 LUGUANG-BAV70 Datasheet
206Kb / 2P
Dual Surface Mount Switching Diode
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
Galaxy Semi-Conductor H...
BAV74 BILIN-BAV74_17 Datasheet
126Kb / 3P
Dual surface mount switching diode
logo
Diodes Incorporated
BAW101 DIODES-BAW101_17 Datasheet
277Kb / 5P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com