Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLP12840OPTMCU Datasheet(PDF) 51 Page - Zilog, Inc.

Part # ZLP12840OPTMCU
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840OPTMCU Datasheet(HTML) 51 Page - Zilog, Inc.

Back Button ZLP12840OPTMCU Datasheet HTML 47Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 48Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 49Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 50Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 51Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 52Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 53Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 54Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 55Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Register File Summary
ZLP12840 OTP MCU
Product Specification
40
0FD
All
FD
Register Pointer
RP
00h
37
0FE
All
FE
User Data Register
USER
XXh
38
0FF
All
FF
Stack Pointer Register
SPL
XXh
38
100–103 ——
General-Purpose Registers (12-Bit Only)
—
XXh
—
104–1EF 1
04–EF General-Purpose Registers
—
XXh
—
1F0–203 ——
General-Purpose Registers (12-Bit Only)
—
XXh
—
204–2EF 2
04–EF General-Purpose Registers
—
XXh
—
2F0–303 ——
General-Purpose Registers (12-Bit Only)
—
XXh
—
304–3EF 3
04–EF General-Purpose Registers
—
XXh
—
3F0–3FF ——
General-Purpose Registers (12-Bit Only)
—
XXh
—
400–CFF ——
Reserved
—
—
—
D00
D
00
Counter/Timer 8 Control Register
CTR0
0 00 0_0 0 0 0b
75
D01
D
01
Timer 8 and Timer 16 Common Functions CTR1
00 0 0 _0 0 0 0b
77
D02
D
02
Counter/Timer 16 Control Register
CTR2
0 00 0_0 0 0 0b
80
D03
D
03
Timer 8/Timer 16 Control Register
CTR3
00 0 0_0 XXXb
81
D04
D
04
Counter/Timer 8 Low Hold Register
TC8L
00h
74
D05
D
05
Counter/Timer 8 High Hold Register
TC8H
00h
74
D06
D
06
Counter/Timer 16 Low Hold Register
TC16L
00h
73
D07
D
07
Counter/Timer 16 High Hold Register
TC16H
00h
73
D08
D
08
Timer 16 Capture Low Register
LO16
00h
72
D09
D
09
Timer 16 Capture High Register
HI16
00h
72
D0A
D
0A
Timer 8 Capture Low Register
LO8
00h
71
D0B
D
0B
Timer 8 Capture High Register
HI8
00h
71
D0C
D
0C
Low-Voltage Detection Register
LVD
1 1 11 _10 0 0b
96
D0D–D0F D
0D–0F Reserved
—
—
—
D10–DFF ——
Reserved (8-Bit access goes to Bank 0)
—
—
—
F00
F
00
Port Configuration Register
PCON
XXXX_X1 X0b
20
F01–F09 F
01–09 Reserved
—
—
—
Table 20. Register File Address Summary (Continued)
Address (Hex)
Reset
12-Bit
Bank 8-Bit
Register Description
Mnemonic
Page #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com