Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE9153A Datasheet(PDF) 30 Page - Analog Devices

Part # ADE9153A
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153A Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE9153A Datasheet HTML 26Page - Analog Devices ADE9153A Datasheet HTML 27Page - Analog Devices ADE9153A Datasheet HTML 28Page - Analog Devices ADE9153A Datasheet HTML 29Page - Analog Devices ADE9153A Datasheet HTML 30Page - Analog Devices ADE9153A Datasheet HTML 31Page - Analog Devices ADE9153A Datasheet HTML 32Page - Analog Devices ADE9153A Datasheet HTML 33Page - Analog Devices ADE9153A Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 30 of 50
ACCESSING ON-CHIP DATA
The ADE9153A has two communication protocols for accessing
on-chip data, a fast 10 MHz SPI and a slower 4800 Baud/
115,200 Baud universal asynchronous receiver/transmitter
(UART).
After power-on or reset, to select the SPI interface, the SS pin
must be low and the SCLK pin must be high. To select the
UART interface, the SS pin must be high and the SCLK pin
must be low. When the ADE9153A is powered, the communica-
tion is set, and it is locked in until the next ADE9153A reset.
SPI PROTOCOL OVERVIEW
The ADE9153A has an SPI-compatible interface consisting of
four pins: SCLK, MOSI/RX, MISO/TX, and SS. The ADE9153A
is always an SPI slave; it never initiates a SPI communication.
The SPI interface is compatible with 16-bit and 32-bit read/write
operations. The maximum serial clock frequency supported by
this interface is 10 MHz.
The ADE9153A provides SPI burst read functionality on certain
registers, allowing multiple register to be read after sending one
command header, CMD_HDR.
15
3 2
0
ADDR[11:0]
R/W
xxx
READ = 1
WRITE = 0
DON’T CARE BITS
ADDRESS TO BE ACCESSED
Figure 55. Command Header, CMD_HDR
The ADE9153A SPI port calculates a 16-bit cyclic redundancy
check (CRC-16) of the data sent out on the MOSI/RX pin so that
the integrity of the data received by the master can be checked. The
CRC of the data sent out on the MOSI/RX pin during the last
register read is offered in a 16-bit register, CRC_SPI, and can be
appended to the SPI read data as part of the SPI transaction.
UART INTERFACE
The ADE9153A has a UART interface consisting of two
pins: RX and TX. This UART interface allows an isolated
communication interface to be achieved using only two low
cost opto-isolators. The UART interface is compatible with
16-bit and 32-bit read/write operations. When the UART is
selected, the Baud rate is 4800 Baud; however, a faster
communication rate of 115,200 Baud can also be selected.
The ADE9153A Baud rates are shown in Table 7.
Table 7. UART Baud Rate
Ideal Rate
(Baud)
ADE9153A Actual Rate (Baud)
(CLKIN = 12.288 MHz)
Error
4800
CLKIN/2560 = 4800
0.00%
115,200
CLKIN/104 = 118153.8
2.56%
If the UART is to be used at 4800 Baud, no action is required when
the UART interface is chosen after a reset. The 115,200 Baud rate is
chosen with a single write of 0x0052 to the UART_BAUD_
SWITCH register. The Baud rate can be switched back to
4800 Baud by writing 0x000 to the UART_BAUD_SWITCH
register. UART_BAUD_SWITCH is a write only register.
The UART communication is comprised of 11-bit frames with one
start bit, eight data bits, one odd parity bit, and one stop bit.
10
9
2
1
0
START
ODD PARITY
STOP
DATA [7:0]
Figure 56. Frame Bits
Every UART communication starts with two command frames
that contain the ADE9153A address being accessed, a read or
write bit, a bit indicating whether to include the checksum, and
then 00b as the lower two bits (see Figure 57).
15
3
42 1
0
R/W
00B
READ = 1
WRITE = 0
CHECKSUM
OFF = 0
ON = 1
CHIP ADDRESS
Figure 57. Command Header (CMD)
The frames are then organized with the two command header
frames, followed by the data frames, and finally an optional
checksum that is enabled in the command frames.
01
2
4
3
CMD0
RX
CMD1
DATA0
DATA1
CHECKSUM
OPTIONAL
Figure 58. UART 16-Bit Write
01
2
4
3
CMD0
RX
TX
CMD1
DATA0
DATA1
CHECKSUM
OPTIONAL
Figure 59. UART 16-Bit Read
01
2
5
46
3
CMD0
RX
CMD1
DATA0
DATA1
DATA2
DATA3
CHECKSUM
OPTIONAL
Figure 60. UART 32-Bit Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com