Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE9153AACPZ-RL Datasheet(PDF) 34 Page - Analog Devices

Part # ADE9153AACPZ-RL
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ-RL Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE9153AACPZ-RL Datasheet HTML 30Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 31Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 32Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 33Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 34Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 35Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 36Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 37Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 34 of 50
Address
Name
Description
Length
(Bits)
Reset
Access
0x40F
VLEVEL
Register used in the algorithm that computes the fundamental
reactive power.
32
0x0045D450
R/W
0x410
DIP_LVL
Voltage RMS_OC dip detection threshold level.
32
0x00000000
R/W
0x411
DIPA
Phase A voltage RMS_OC value during a dip condition.
32
0x007FFFFF
R
0x414
SWELL_LVL
Voltage RMS_OC swell detection threshold level.
32
0x00FFFFFF
R/W
0x415
SWELLA
Phase A voltage RMS_OC value during a swell condition.
32
0x00000000
R
0x418
APERIOD
Line period on the Phase A voltage.
32
0x00500000
R
0x41C
ACT_NL_LVL
No load threshold in the total active power datapath.
32
0x00008225
R/W
0x41D
REACT_NL_LVL
No load threshold in the fundamental reactive power datapath.
32
0x00008225
R/W
0x41E
APP_NL_LVL
No load threshold in the total apparent power datapath.
32
0x00008225
R/W
0x41F
PHNOLOAD
Phase no load register.
32
0x00000000
R
0x420
WTHR
Sets the maximum output rate from the digital to frequency
converter of the total active power for the CF calibration pulse
output. It is recommended to leave this at WTHR = 0x00100000.
32
0x00100000
R/W
0x421
VARTHR
See WTHR. It is recommended to leave this at VARTHR = 0x00100000.
32
0x00100000
R/W
0x422
VATHR
See WTHR. It is recommended to leave this value at VATHR =
0x00100000.
32
0x00100000
R/W
0x423
LAST_DATA_32
This register holds the data read or written during the last 32-bit
transaction on the SPI port.
32
0x00000000
R
0x424
CT_PHASE_MEAS
Set to 0xE5 for CT_PHASE_DELAY measurement; otherwise, the
value must be 0xE4.
32
0x000000E4
R/W
0x425
CF_LCFG
CF calibration pulse width configuration register.
32
0x00000000
R/W
0x471
TEMP_TRIM
Temperature sensor gain and offset, calculated during the
manufacturing process.
32
0x00000000
R
0x472
CHIP_ID_HI
Chip identification, 32 MSBs.
32
0x00000000
R
0x473
CHIP_ID_LO
Chip identification, 32 LSBs.
32
0x00000000
R
0x480
Run
Write this register to 1 to start the measurements.
16
0x0000
R/W
0x481
CONFIG1
Configuration Register 1.
16
0x0300
R/W
0x485
ANGL_AV_AI
Time between positive to negative zero crossings on Phase A
voltage and current.
16
0x0000
R
0x488
ANGL_AI_BI
Time between positive to negative zero crossings on Phase A and
Phase B currents.
16
0x0000
R
0x48B
DIP_CYC
Voltage RMS_OC dip detection cycle configuration.
16
0xFFFF
R/W
0x48C
SWELL_CYC
Voltage RMS_OC swell detection cycle configuration.
16
0xFFFF
R/W
0x490
CFMODE
CFx configuration register.
16
0x0000
R/W
0x491
COMPMODE
Computation mode register. Set this register to 0x0005.
16
0x0000
R/W
0x492
ACCMODE
Accumulation mode register.
16
0x0000
R/W
0x493
CONFIG3
Configuration Register 3 for configuration of power quality settings.
16
0x0000
R/W
0x494
CF1DEN
CF1 denominator register.
16
0xFFFF
R/W
0x495
CF2DEN
CF2 denominator register.
16
0xFFFF
R/W
0x498
ZXTOUT
Zero-crossing timeout configuration register.
16
0xFFFF
R/W
0x499
ZXTHRSH
Voltage channel zero-crossing threshold register.
16
0x0009
R/W
0x49A
ZX_CFG
Zero-crossing detection configuration register.
16
0x0000
R/W
0x49D
PHSIGN
Power sign register.
16
0x0000
R
0x4A8
CRC_RSLT
This register holds the CRC of the configuration registers.
16
0x0000
R
0x4A9
CRC_SPI
The register holds the 16-bit CRC of the data sent out on the MOSI/RX
pin during the last SPI register read.
16
0x0000
R
0x4AC
LAST_DATA_16
This register holds the data read or written during the last 16-bit
transaction on the SPI port. When using UART, this register holds
the lower 16 bits of the last data read or write.
16
0x0000
R
0x4AE
LAST_CMD
This register holds the address and the read/write operation
request (CMD_HDR) for the last transaction on the SPI port.
16
0x0000
R
0x4AF
CONFIG2
Configuration Register 2. This register controls the high-pass filter
(HPF) corner and the user period selection.
16
0x0C00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com