Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE9153AACPZ-RL Datasheet(PDF) 13 Page - Analog Devices

Part # ADE9153AACPZ-RL
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ-RL Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE9153AACPZ-RL Datasheet HTML 9Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 10Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 11Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 12Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 13Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 14Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 15Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 16Page - Analog Devices ADE9153AACPZ-RL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Data Sheet
ADE9153A
Rev. 0 | Page 13 of 50
ENERGY ERROR OVER FREQUENCY AND POWER FACTOR
Energy characteristics obtained from a 50% of full scale, sinusoidal, 50 Hz voltage signal and a 10% of full scale, sinusoidal, 50 Hz, current
signal over a variable frequency between 45 Hz and 65 Hz.
–0.10
–0.05
0
0.05
0.10
40
45
50
55
60
65
70
LINE FREQUENCY (Hz)
POWER FACTOR = +1
POWER FACTOR = +0.5
POWER FACTOR = –0.5
Figure 16. Total Active Energy Error vs. Line Frequency, Power Factor = −0.5,
+0.5, and +1, AI PGA Gain = 38.4×
–0.10
–0.05
0
0.05
0.10
40
45
50
55
60
65
70
LINE FREQUENCY (Hz)
POWER FACTOR = –0.866
POWER FACTOR = 0
POWER FACTOR = +0.866
Figure 17. Fundamental Reactive Energy Error vs. Line Frequency, Power
Factor = −0.866, +0.866, and 0, AI PGA Gain = 38.4×
–0.10
–0.05
0
0.05
0.10
40
45
50
55
60
65
70
LINE FREQUENCY (Hz)
Figure 18. Total Apparent Energy Error vs. Line Frequency, AI PGA Gain = 38.4×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com