Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDME2-S Datasheet(PDF) 5 Page - CUI INC

Part # PDME2-S
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDME2-S Datasheet(HTML) 5 Page - CUI INC

  PDME2-S Datasheet HTML 1Page - CUI INC PDME2-S Datasheet HTML 2Page - CUI INC PDME2-S Datasheet HTML 3Page - CUI INC PDME2-S Datasheet HTML 4Page - CUI INC PDME2-S Datasheet HTML 5Page - CUI INC PDME2-S Datasheet HTML 6Page - CUI INC PDME2-S Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
date 07/26/2021
│ page 5 of 7
CUI Inc
│ SERIES: PDME2-S │ DESCRIPTION: DC-DC CONVERTER
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
19.65 x 7.05 x 10.16 [0.773 x 0.277 x 0.400 inch]
mm
case material
black flame-retardant and heat-resistant plastic (UL94V-0)
weight
2.4
g
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
Function /
Single output
Function /
Dual output
1
Vin
Vin
2
GND
GND
4
0V
-Vo
5
No pin
0V
6
+Vo
+Vo
units: mm [inch]
tolerance: ±0.25[±0.010]
pin section tolerance: ±0.10[±0.004]
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com