Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDME2-S Datasheet(PDF) 6 Page - CUI INC

Part # PDME2-S
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDME2-S Datasheet(HTML) 6 Page - CUI INC

  PDME2-S Datasheet HTML 1Page - CUI INC PDME2-S Datasheet HTML 2Page - CUI INC PDME2-S Datasheet HTML 3Page - CUI INC PDME2-S Datasheet HTML 4Page - CUI INC PDME2-S Datasheet HTML 5Page - CUI INC PDME2-S Datasheet HTML 6Page - CUI INC PDME2-S Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 07/26/2021
│ page 6 of 7
CUI Inc
│ SERIES: PDME2-S │ DESCRIPTION: DC-DC CONVERTER
APPLICATION CIRCUIT
Figure 1
Single Output Models
EMC RECOMMENDED CIRCUIT
Table 3
Figure 3
Single Output Models
If you want to further reduce the input and output ripple, a filter capacitor may be connected to the input and output
terminals (Figures 1 & 2) provided that the capacitance is less than the maximum capacitive load of the model, otherwise
start-up problems may be caused if the capacitance is too large.
Recommended External Circuit Components
Vo (Vdc)
12, 15, 24
12, 15, 24
C1 / C2
4.7 µF / 50 V
4.7 µF / 50 V
CY
270 pF / 2 kV
270 pF / 2 kV
C3 / C4
refer to the Co in Tables 1, 2
LDM
6.8 μH
6.8 μH
Figure 4
Dual Output Models
Figure 2
Dual Output Models
Table 1
Vin
(Vdc)
Cin
(μF / V)
Vo
(Vdc)
Co
(μF / V)
12
2.2 / 25
3.3
10 / 16
15
2.2 / 25
5
10 / 16
24
1 / 50
9
2.2 / 25
--
--
12
2.2 / 25
--
--
15
1 / 25
--
--
24
1 / 50
Table 2
Vin
(Vdc)
Cin
(μF / V)
Vo
(Vdc)
Co6
(μF / V)
12
2.2 / 25
±3.3
4.7 / 16
15
2.2 / 25
±5
4.7 / 16
24
1 / 50
±9
2.2 / 25
--
--
±12
1 / 25
--
--
±15
1 /25
--
--
±24
0.47 / 50
Note: 6. The capacitor value of the positive and the
negative output is identical.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com