Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS24FL Datasheet(PDF) 7 Page - FutureWafer Tech Co.,Ltd

Part # SS24FL
Description  Surface Mount Schottky Barrier Rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS24FL Datasheet(HTML) 7 Page - FutureWafer Tech Co.,Ltd

  SS24FL Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SS24FL-SS210FL
Surface Mount Schottky Barrier Rectifier
Document No.: F218331
08-NOV-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
7/9
6. Packing
6-1. Taping and Reel Specification
Taping Width
Tape Orientation
8mm
6-2. Embossed Carrier Tape Specification
Direction Of Feed
Unit:mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com