Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM7716P Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM7716P
Description  Single Rail Linear CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7716P Datasheet(HTML) 5 Page - OKI electronic componets

  MSM7716P Datasheet HTML 1Page - OKI electronic componets MSM7716P Datasheet HTML 2Page - OKI electronic componets MSM7716P Datasheet HTML 3Page - OKI electronic componets MSM7716P Datasheet HTML 4Page - OKI electronic componets MSM7716P Datasheet HTML 5Page - OKI electronic componets MSM7716P Datasheet HTML 6Page - OKI electronic componets MSM7716P Datasheet HTML 7Page - OKI electronic componets MSM7716P Datasheet HTML 8Page - OKI electronic componets MSM7716P Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
FEDL7716P-01
OKI Semiconductor
MSM7716P
5/23
VFO
Receive filter output.
The output signal has an amplitude of 2.0 VPP above and below the signal ground voltage when the digital signal of
+3 dBm0 is input to PCMIN. VFO can drive a load of 20 k
Ω or more.
This output can be externally controlled in the level range of 0 to –28 dB in 4 dB increments.
During power saving or power down, VFO output is at the voltage level (VDD/2) of SG with a high impedance
state.
PWI, AOUT+, AOUT–
PWI is connected to the inverting input of the receive driver.
The receive driver output is connected to the AOUT– pin. Thus, a receive level can be adjusted with the pins PWI,
AOUT–, and VFO described above.
The output of AOUT+ is inverted with respect to the output of AOUT– with a gain of 1.
The output signal amplitudes are a maximum of 2.0 VPP.
These outputs, above and below the signal ground voltage (VDD/2), can drive a load of a minimum of 1 kΩ with
push-pull driving (a load connected between AOUT+ and AOUT–).
The output amplitudes are 4 VPP maximum during push-pull driving. These outputs can be mute controlled
externally. These outputs are operational during power saving and output the SG voltage (VDD/2) in the high
impedance state.
AUXO
Auxiliary receive filter output.
The output signal is inverted with respect to the VFO output with a gain of 1. The output signal swings above and
below the SG voltage (VDD/2), and can drive a minimum load of 0.5 kΩ with respect to the SG voltage.
The output can be mute controlled externally.
During power saving and power down, AUXO outputs the SG voltage (VDD/2) in the high impedance state.
BCLK
Shift clock signal input for PCMIN and PCMOUT.
The frequency is equal to the data rate. Setting this signal to logic “1” or “0” drives both transmit and receive
circuits to the power-saving state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com