Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM7716P Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM7716P
Description  Single Rail Linear CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7716P Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM7716P Datasheet HTML 5Page - OKI electronic componets MSM7716P Datasheet HTML 6Page - OKI electronic componets MSM7716P Datasheet HTML 7Page - OKI electronic componets MSM7716P Datasheet HTML 8Page - OKI electronic componets MSM7716P Datasheet HTML 9Page - OKI electronic componets MSM7716P Datasheet HTML 10Page - OKI electronic componets MSM7716P Datasheet HTML 11Page - OKI electronic componets MSM7716P Datasheet HTML 12Page - OKI electronic componets MSM7716P Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
FEDL7716P-01
OKI Semiconductor
MSM7716P
9/23
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
AG = DG = 0 V
–0.3 to +7.0
V
Analog Input Voltage
VAIN
AG = DG = 0 V
–0.3 to VDD +0.3
V
Digital Input Voltage
VDIN
AG = DG = 0 V
–0.3 to VDD +0.3
V
Storage Temperature
TSTG
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply Voltage
VDD
3.0
3.3
3.6
V
Operating Temperature
Ta
–40
+25
+85
°C
Analog Input Voltage
VAIN
Gain = 1
1.4
VPP
High Level Input Voltage
VIH
0.45
×V
D
D
VDD
V
Low Level Input Voltage
VIL
SYNC, BCLK, PCMIN, PDN,
DEN, DCLK, CDIN
0
0.16
×V
D
D
V
Clock Frequency
FC
BCLK
14
× F
S
128
× F
S
kHz
Sync Pulse Frequency
FS
SYNC
4.0
8.0
16
kHz
Clock Duty Ratio
DC
BCLK
40
50
60
%
Digital Input Rise Time
tlr
50
ns
Digital Input Fall Time
tlf
SYNC, BCLK, PCMIN, PDN,
DEN, DCLK, CDIN
50
ns
tXS, tRS BCLK → SYNC, See Fig. 1
100
ns
Sync Pulse Setting Time
tSX, tSR SYNC → BCLK, See Fig. 1
100
ns
High Level Sync Pulse Width *1
tWSH
SYNC, See Fig. 1
1 BCLK
Low Level Sync Pulse Width *1
tWSL
SYNC, See Fig. 1
1 BCLK
PCMIN Setup Time
tDS
Refer to Fig. 1
100
ns
PCMIN Hold Time
tDH
Refer to Fig. 1
100
ns
RDL
Pull-up resistor
0.5
k
Digital Output Load
CDL
100
pF
tWCL
DCLK Low width, See Fig. 2
50
DCLK Pulse Width
tWCH
DCLK High width, See Fig. 2
50
ns
tCDL
DCLK
→ DEN, See Fig. 2
50
DEN Setting Time 1
tDCL
DEN
→ DCLK, See Fig. 2
50
ns
tCDH
DCLK
→ DEN, See Fig. 2
50
DEN Setting Time 2
tDCH
DEN
→ DCLK, See Fig. 2
50
ns
CDIN Setup Time
tCDS
See Fig. 2
50
CDIN Hold Time
tCDH
See Fig. 2
50
ns
Transmit gain stage, Gain = 0 dB
–100
+100
mV
Analog Input Allowable DC Offset
Voff
Transmit gain stage, Gain = 20 dB
–10
+10
mV
Allowable Jitter Width
SYNC, BCLK
1000
ns
*1 For example, the minimum pulse width of SYNC is 488 ns when the frequency of BCLK is 2048 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com