Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM511666C-60JS Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM511666C-60JS
Description  65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511666C-60JS Datasheet(HTML) 2 Page - OKI electronic componets

  MSM511666C-60JS Datasheet HTML 1Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 2Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 3Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 4Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 5Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 6Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 7Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 8Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
¡ Semiconductor
MSM511666C/CL
PIN CONFIGURATION (TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
NC
VCC
UWE
LWE
RAS
A0
A1
A2
A3
A4
VCC
VSS
DQ16
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
NC
VSS
CAS
OE
NC
NC
NC
A7
A6
A5
VSS
1
VCC
40-Pin Plastic SOJ
44/40-Pin Plastic TSOP
(K Type)

22
VCC
2
DQ1
3
DQ2
4
DQ3
5
DQ4
6
DQ5
7
DQ6
8
DQ7
9
DQ8
10
NC
13
VCC
14
UWE
15
LWE
16
RAS
17
A0
18
A1
19
A2
20
A3
21
A4
44 VSS
23 VSS
43 DQ16
42 DQ15
41 DQ14
40 DQ13
39 DQ12
38 DQ11
37 DQ10
36 DQ9
35 NC
32 VSS
31 CAS
30 OE
29 NC
28 NC
27 NC
26 A7
25 A6
24 A5

Note :
The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.
Pin Name
Function
A0 - A7
Address Input
RAS
Row Address Strobe
CAS
Column Address Strobe
DQ1 - DQ16
Data Input/Data Output
OE
Output Enable
LWE
Lower Byte Write Enable
VCC
Power Supply (5 V)
NC
No Connection
UWE
Upper Byte Write Enable
VSS
Ground (0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com