Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM511666C-60JS Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM511666C-60JS
Description  65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511666C-60JS Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM511666C-60JS Datasheet HTML 2Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 3Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 4Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 5Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 6Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 7Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 8Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 9Page - OKI electronic componets MSM511666C-60JS Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/16
¡ Semiconductor
MSM511666C/CL
AC Characteristics (1/2)
Parameter
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3
Random Read or Write Cycle Time
Read Modify Write Cycle Time
Fast Page Mode Cycle Time
Fast Page Mode Read Modify Write
Cycle Time
Access Time from RAS
Access Time from CAS
Access Time from Column Address
Access Time from CAS Precharge
RAS to Data Output Buffer Turn-off Delay Time
Transition Time
RAS Precharge Time
RAS Pulse Width
RAS Pulse Width (Fast Page Mode with EDO)
RAS Hold Time
CAS Pulse Width
CAS Hold Time
RAS to CAS Delay Time
RAS to Column Address Delay Time
CAS to RAS Precharge Time
Row Address Set-up Time
Row Address Hold Time
Column Address Set-up Time
Column Address Hold Time
Column Address Hold Time from RAS
Column Address to RAS Lead Time
Access Time from OE
OE to Data Output Buffer Turn-off Delay Time
Refresh Period
RAS Hold Time referenced to OE
Unit
RAS Hold Time from CAS Precharge
Note
Output Low Impedance Time from CAS
CAS Precharge Time (Fast Page Mode with EDO)
Refresh Period (L-version)
Symbol
tRC
tRWC
tHPC
tHPRWC
tRAC
tCAC
tAA
tCPA
tREZ
tT
tRP
tRAS
tRASP
tRSH
tCAS
tCSH
tRCD
tRAD
tCRP
tASR
tRAH
tASC
tCAH
tRAL
tOEA
tOEZ
tREF
tROH
tRHCP
tCLZ
tCP
tAR
tREF
MSM511666
C/CL-70
MSM511666
C/CL-60
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
ms
ns
4, 5, 6
4, 5
4, 6
4
7, 8
5
6
4
7
4
3
CAS to Data Output Buffer Turn-off Delay Time tCEZ
ns
7, 8
Data Output Hold After CAS Low
tDOH
ns
WE to Data Output Buffer Turn-off Delay Time tWEZ
ns
7
OE Hold Time from CAS (DQ Disable)
tCHO
ns
RAS to Second CAS Delay Time
tRSCD
ns
Min.
110
155
25
65
—
—
—
—
0
0
1
40
60
60
20
10
10
50
20
15
5
0
10
0
10
45
30
—
0
—
—
15
0
5
0
5
60
35
Max.
—
—
—
—
60
20
30
35
—
15
50
—
10,000
100,000
—
—
10,000
—
40
30
—
—
—
—
—
—
—
20
15
4
32
—
15
—
15
—
—
—ns
Min.
120
170
30
70
—
—
—
—
0
0
1
40
70
70
20
10
10
55
20
15
5
0
10
0
10
55
35
—
0
—
—
15
0
5
0
5
70
40
Max.
—
—
—
—
70
20
35
40
—
15
50
—
10,000
100,000
—
—
10,000
—
50
35
—
—
—
—
—
—
—
20
15
4
32
—
15
—
15
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com