| Electronic Components Datasheet Search |
|
MPC8560CPX667JB Datasheet(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8560CPX667JB Datasheet(HTML) 4 Page - NXP Semiconductors |
|
4 / 108 page ![]() MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2 4 Freescale Semiconductor Overview — General-purpose parallel ports—16 parallel I/O lines with interrupt capability — Supports inverse muxing of ATM cells (IMA) • 256 Kbyte L2 cache/SRAM — Can be configured as follows – Full cache mode (256-Kbyte cache). – Full memory-mapped SRAM mode (256-Kbyte SRAM mapped as a single 256-Kbyte block or two 128-Kbyte blocks) – Half SRAM and half cache mode (128-Kbyte cache and 128-Kbyte memory-mapped SRAM) — Full ECC support on 64-bit boundary in both cache and SRAM modes — Cache mode supports instruction caching, data caching, or both — External masters can force data to be allocated into the cache through programmed memory ranges or special transaction types (stashing) — Eight-way set-associative cache organization (1024 sets of 32-byte cache lines) — Supports locking the entire cache or selected lines. Individual line locks are set and cleared through Book E instructions or by externally mastered transactions — Global locking and flash clearing done through writes to L2 configuration registers — Instruction and data locks can be flash cleared separately — Read and write buffering for internal bus accesses — SRAM features include the following: – I/O devices access SRAM regions by marking transactions as snoopable (global) – Regions can reside at any aligned location in the memory map – Byte accessible ECC is protected using read-modify-write transactions accesses for smaller than cache-line accesses. • Address translation and mapping unit (ATMU) — Eight local access windows define mapping within local 32-bit address space — Inbound and outbound ATMUs map to larger external address spaces – Three inbound windows plus a configuration window on PCI/PCI-X – Four inbound windows plus a default and configuration window on RapidIO – Four outbound windows plus default translation for PCI – Eight outbound windows plus default translation for RapidIO • DDR memory controller — Programmable timing supporting DDR-1 SDRAM — 64-bit data interface, up to 333-MHz data rate — Four banks of memory supported, each up to 1 Gbyte — DRAM chip configurations from 64 Mbits to 1 Gbit with x8/x16 data ports — Full ECC support — Page mode support (up to 16 simultaneous open pages) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |