Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8560CPX667JB Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MPC8560CPX667JB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560CPX667JB Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MPC8560CPX667JB Datasheet HTML 44Page - NXP Semiconductors MPC8560CPX667JB Datasheet HTML 45Page - NXP Semiconductors MPC8560CPX667JB Datasheet HTML 46Page - NXP Semiconductors MPC8560CPX667JB Datasheet HTML 47Page - NXP Semiconductors MPC8560CPX667JB Datasheet HTML 48Page - NXP Semiconductors MPC8560CPX667JB Datasheet HTML 49Page - NXP Semiconductors MPC8560CPX667JB Datasheet HTML 50Page - NXP Semiconductors MPC8560CPX667JB Datasheet HTML 51Page - NXP Semiconductors MPC8560CPX667JB Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
48
Freescale Semiconductor
CPM
Table 36 shows CPM I2C AC Timing.
Figure 30 is a a diagram of CPM I2C Bus Timing.
Figure 30. CPM I2C Bus Timing Diagram
Table 36. CPM I2C AC Timing
Characteristic
Symbol
Min
Max
Unit
SCL clock frequency (slave)
fSCL
0FMAX
1
Hz
SCL clock frequency (master)
fSCL
BRGCLK/16512
BRGCLK/48
Hz
Bus free time between transmissions
tSDHDL
1/(2.2 * fSCL)—
s
Low period of SCL
tSCLCH
1/(2.2 * fSCL)—
s
High period of SCL
tSCHCL
1/(2.2 * fSCL)—
s
Start condition setup time 2
tSCHDL
2/(divider * fSCL)
—
s
Start condition hold time 2
tSDLCL
3/(divider * fSCL)—
s
Data hold time 2
tSCLDX
2/(divider * fSCL)—
s
Data setup time 2
tSDVCH
3/(divider * fSCL)—
s
SDA/SCL rise time
tSRISE
—
1/(10 * fSCL)s
SDA/SCL fall time
tSFALL
—
1/(33 * fSCL)s
Stop condition setup time
tSCHDH
2/(divider * fSCL)
—
s
Notes:
1.FMAX = BRGCLK/(min_divider*prescaler). Where prescaler=25-I2MODE[PDIV]; and min_divider=12 if digital filter
disabled and 18 if enabled.
Example #1: if I2MODE[PDIV]=11 (prescaler=4) and I2MODE[FLT]=0 (digital filter disabled) then
FMAX=BRGCLK/48
Example #2: if I2MODE[PDIV]=00 (prescaler=32) and I2MODE[FLT]=1 (digital filter enabled) then
FMAX=BRGCLK/576
2.divider = fSCL/prescaler.
In master mode: divider = BRGCLK/(fSCL*prescaler) = 2*(I2BRG[DIV]+3)
In slave mode: divider = BRGCLK/(fSCL*prescaler)
SCL
SDA
tSDHDL
tSCLCH
tSCHCL
tSCHDL
tSDLCL
tSCLDX
tSDVCH
tSRISE
tSFALL
tSCHDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com