Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8560CVT667JC Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MPC8560CVT667JC
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560CVT667JC Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MPC8560CVT667JC Datasheet HTML 39Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 40Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 41Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 42Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 43Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 44Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 45Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 46Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
Freescale Semiconductor
43
CPM
Figure 22. Local Bus Signals, GPCM/UPM Signals for LCCR[CLKDIV] = 4 or 8 (DLL Bypass Mode)
9 CPM
This section describes the DC and AC electrical specifications for the CPM of the MPC8560.
9.1 CPM DC Electrical Characteristics
Table 33 provides the DC electrical characteristics for the MPC8560 CPM.
Table 33. CPM DC Electrical Characteristics
Characteristic
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2.0
3.465
V
1
Input low voltage
VIL
GND
0.8
V
1, 2
Output high voltage (IOH = –8.0 mA)
VOH
2.4
—
V
1
Output low voltage (IOL = 8.0 mA)
VOL
—0.5
V
1
Internal launch/capture clock
UPM Mode Input Signal:
LUPWAIT
T1
T3
UPM Mode Output Signals:
LCS[0:7]/LBS[0:3]/LGPL[0:5]
GPCM Mode Output Signals:
LCS[0:7]/LWE
T2
T4
Input Signals:
LAD[0:31]/LDP[0:3]
(DLL Bypass Mode)
LCLK
tLBKLOV1
tLBKLOZ1
tLBKLOX1
tLBIVKH2
tLBIXKH2
tLBIVKH1
tLBIXKH1
tLBKHKT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com