Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8560CVT667JC Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MPC8560CVT667JC
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560CVT667JC Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MPC8560CVT667JC Datasheet HTML 8Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 9Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 10Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 11Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 12Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 13Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 14Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 15Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
12
Freescale Semiconductor
Electrical Characteristics
Figure 3 shows the undershoot and overshoot voltage of the PCI interface of the MPC8560 for the 3.3-V
signals, respectively.
Figure 3. Maximum AC Waveforms on PCI interface for 3.3-V Signaling
2.1.4 Output Driver Characteristics
Table 3 provides information on the characteristics of the output driver strengths. The values are
preliminary estimates.
Table 3. Output Drive Capability
Driver Type
Programmable Output
Impedance (
Ω)
Supply Voltage
Notes
Local bus interface utilities signals
25
OVDD = 3.3 V
1
42 (default)
PCI signals
25
2
42 (default)
DDR signal
20
GVDD = 2.5 V
—
CPM PA, PB, PC, and PD signals
42
OVDD = 3.3 V
—
TSEC/10/100 signals
42
LVDD = 2.5/3.3 V
—
DUART, system control, I2C, JTAG
42
OVDD = 3.3 V
—
RapidIO N/A (LVDS signaling)
N/A
—
Notes:
1. The drive strength of the local bus interface is determined by the configuration of the appropriate bits in
PORIMPSCR.
2. The drive strength of the PCI interface is determined by the setting of the PCI_GNT1 signal at reset.
11 ns
(Min)
Overvoltage
Waveform
Undervoltage
Waveform
4 ns
(Max)
4 ns
(Max)
62.5 ns
–3.5 V
+7.1 V
7.1 V p-to-p
(Min)
7.1 V p-to-p
(Min)
0 V
+3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com