Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC5203 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC5203
Description  關Cap 80 mA LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5203 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC5203 Datasheet HTML 3Page - Microchip Technology MIC5203 Datasheet HTML 4Page - Microchip Technology MIC5203 Datasheet HTML 5Page - Microchip Technology MIC5203 Datasheet HTML 6Page - Microchip Technology MIC5203 Datasheet HTML 7Page - Microchip Technology MIC5203 Datasheet HTML 8Page - Microchip Technology MIC5203 Datasheet HTML 9Page - Microchip Technology MIC5203 Datasheet HTML 10Page - Microchip Technology MIC5203 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006609A-page 7
MIC5203
FIGURE 2-13:
Load Transient.
FIGURE 2-14:
Load Transient.
FIGURE 2-15:
Line Transient.
FIGURE 2-16:
Line Transient.
FIGURE 2-17:
Ripple Voltage vs.
Frequency.
FIGURE 2-18:
Ripple Voltage vs.
Frequency.
-200
0
200
-50
0
50
100
-1 01 2
3 4 5
6 7 8
TIME (ms)
C
OUT = 1 F
V
IN = VOUT + 1
0
50
100
0
5
10
15
20
TIME (ms)
-200
-100
0
100
C
OUT = 10 F
V
IN = VOUT + 1
-2
-1
0
1
2
3
4
6
8
0.0 0.2 0.4 0.6 0.8 1.0
TIME (ms)
C
L = 1 F
I
L = 1mA
-1
0
1
2
4
6
8
0.0 0.2 0.4 0.6 0.8 1.0
TIME (ms)
C
L = 11 F
I
L = 1mA
0
20
40
60
80
100
FREQUENCY (Hz)
I
L = 100 A
C
L = 1 F
V
IN = VOUT + 1
0
20
40
60
80
100
I
L = 1mA
C
L = 1 F
V
IN = VOUT + 1
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com