Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC5203 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC5203
Description  關Cap 80 mA LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5203 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC5203 Datasheet HTML 4Page - Microchip Technology MIC5203 Datasheet HTML 5Page - Microchip Technology MIC5203 Datasheet HTML 6Page - Microchip Technology MIC5203 Datasheet HTML 7Page - Microchip Technology MIC5203 Datasheet HTML 8Page - Microchip Technology MIC5203 Datasheet HTML 9Page - Microchip Technology MIC5203 Datasheet HTML 10Page - Microchip Technology MIC5203 Datasheet HTML 11Page - Microchip Technology MIC5203 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MIC5203
DS20006609A-page 8
2021 Microchip Technology Inc. and its subsidiaries
FIGURE 2-19:
Ripple Voltage vs.
Frequency.
FIGURE 2-20:
Output Impedance.
FIGURE 2-21:
Enable Characteristics
(3.3 Version).
FIGURE 2-22:
Enable Characteristics
(3.3 Version).
FIGURE 2-23:
Enable Voltage vs.
Temperature.
FIGURE 2-24:
Enable Current vs.
Temperature.
0
20
40
60
80
100
I
L = 50mA
C
L = 1 F
V
IN = VOUT + 1
FREQUENCY (Hz)
0.01
0.1
1
10
100
1000
I
L = 100 A
I
L = 1mA
I
L = 100mA
FREQUENCY (Hz)
-1
0
1
2
3
4
5
0
2
4
0.0 0.2 0.4 0.6 0.8 1.0
TIME (ms)
C
L = 1 F
I
L = 100 A
-1.0
0.0
1.0
2.0
3.0
4.0
0
2
4
02
4
6
8
10
TIME (ms)
C
L = 1 F
I
L = 100 A
0.50
0.75
1.00
1.25
1.50
-60 -30 0
30 60 90 120 150
TEMPERATURE (C)
C
IN = 10 F
C
OUT = 1 F
I
L = 1mA
V
ON
V
OFF
0
10
20
30
40
-60 -30 0
306090 120 150
TEMPERATURE (C)
C
IN = 10 F
C
OUT = 1 F
I
L = 1mA
V
EN = 5V
V
EN = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com